Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSD203DC2 Arkusz danych(PDF) 2 Page - COSMO Electronics Corporation

Numer części KSD203DC2
Szczegółowy opis  PRODUCT SPECIFICATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COSMO [COSMO Electronics Corporation]
Strona internetowa  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KSD203DC2 Arkusz danych(HTML) 2 Page - COSMO Electronics Corporation

  KSD203DC2_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KSD203DC2_11 Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT SPECIFICATION
DATE: 05/27/11'
NO. 58011203
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY:
KSD203DC2
SHEET 2 OF 2
REV.
4
3.Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Input
Input signal voltage
Drop-out voltage
VIN
Vdo
4~24
1
VDC
VDC
Output
Output power dissipation
Collector voltage
Output current
Pc
VCEO
Io
30
100
3
W
V
A
Peak surge current 50us
Isurge
9
A
Isolation voltage
Viso
4000
Vrms
Operating temperature
Topr
-30~100
Storage temperature
Tstg
-30~125
Soldering temperature 10 sec
Tsol
260
4.Electrical Characteristics
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Pick-up voltage
Vpu
It=1Arms
4
VDC
Input current
Iin
Vin=4~24V
25
mA
Input
Terminal capacitance
CT
V=0,f=1KHz
30
pF
Collector-emitter
breakdown voltage
BVCEO
IF=0
100
Output
Output leak current
Ileak
V=30V, IF =0
15
uA
Collector current
IC
IF=1mA, VCE =2V
0.05
3
A
Collector-emitter saturation voltage
VCE (sat)
IF=5mA, IC =100mA
2.0
V
Isolation resistance
Riso
DC500V
10
GΩ
Floating capacitance
Cr
V=0,f=1MHz
3
pF
Cut-off frequency
FC
VCE=2V,Ic=200mA
RL=100Ω
2
KHz
Response time(Rise)
Tr
VCE=2V,Ic=20mA
500
uS
Response time(Fall)
Tf
RL=100Ω
200
uS


Podobny numer części - KSD203DC2_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KSD203DC2 COSMO-KSD203DC2 Datasheet
319Kb / 2P
   Solid State Relay
More results

Podobny opis - KSD203DC2_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com