Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8403AN1 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD8403AN1
Szczegółowy opis  1-/2-/4-Channel Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8403AN1 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD8403AN1 Datasheet HTML 5Page - Analog Devices AD8403AN1 Datasheet HTML 6Page - Analog Devices AD8403AN1 Datasheet HTML 7Page - Analog Devices AD8403AN1 Datasheet HTML 8Page - Analog Devices AD8403AN1 Datasheet HTML 9Page - Analog Devices AD8403AN1 Datasheet HTML 10Page - Analog Devices AD8403AN1 Datasheet HTML 11Page - Analog Devices AD8403AN1 Datasheet HTML 12Page - Analog Devices AD8403AN1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8400/AD8402/AD8403
REV. B
–9–
TIME = 5
µs/DIV
Figure 15. Large Signal Settling
Time
TIME 200ns/DIV
Figure 18. Digital Feedthrough
vs. Time
FREQUENCY – Hz
6
0
–54
10
1M
100
1k
10k
100k
–6
–12
–48
–18
–24
–30
–36
–42
CODE = FF
80
40
20
10
08
04
02
01
TA = +25°C
SEE TEST FIGURE 33
Figure 13. Gain vs. Frequency for
R = 10 k
FREQUENCY – Hz
0
–6
–48
1k
10k
1M
–30
–36
–42
–12
–24
–18
–54
100k
6
CODE = FFH
80H
40H
20H
10H
08H
04H
02H
01H
Figure 16. 50 k
Ω Gain vs. Fre-
quency vs. Code
FREQUENCY – Hz
0
–6
–48
1k
10k
1M
–30
–36
–42
–12
–24
–18
–54
100k
CODE = FFH
6
80H
40H
20H
10H
08H
04H
02H
01H
Figure 19. 100 k
Ω Gain vs. Fre-
quency vs. Code
OUTPUT
INPUT
VOUT
(50mV/DIV)
RW
(20mV/DIV)
CS
(5V/DIV)
CODE – DECIMAL
700
600
–100
0
32
160
64
96
128
300
200
100
0
500
400
192 224 256
VDD = +5V
TA = –40°C/+85°C
VA = NO CONNECT
RWB MEASURED
Figure 11.
RWB / T Rheostat Mode
Tempco
HOURS OF OPERATION AT 150
°C
0.75
0.5
–0.75
0
600
100
300
400
0.25
–0.25
–0.5
200
500
CODE = 80H
VDD = +5V
SS = 158 UNITS
0
AVG + 2 SIGMA
AVG
AVG – 2 SIGMA
Figure 14. Long-Term Drift
Accelerated by Burn-In
FREQUENCY – Hz
10
0.001
10
100k
100
1k
10k
1
0.1
FILTER = 22kHz
VDD = +5V
TA = +25°C
0.01
SEE TEST CIRCUIT FIGURE 32
SEE TEST CIRCUIT FIGURE 31
Figure 17. Total Harmonic Distortion
Plus Noise vs. Frequency
Figure 12. One Position Step Change
at Half-Scale (Code 7FH to 80H)
TIME 500ns/DIV


Podobny numer części - AD8403AN1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8403AN10 AD-AD8403AN10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results

Podobny opis - AD8403AN1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5206BRUZ100 AD-AD5206BRUZ100 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com