Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD10AN06_F085 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FDD10AN06_F085
Szczegółowy opis  N-Channel PowerTrench짰 MOSFET 60V, 50A, 10.5m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD10AN06_F085 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FDD10AN06_F085_12 Datasheet HTML 1Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 2Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 3Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 4Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 5Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 6Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 7Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 8Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Figure 5. Forward Bias Safe Operating Area
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Drain
Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics T
C = 25°C unless otherwise noted
0.1
1
10
100
110
100
500
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10ms
1ms
DC
100
µs
10
µs
1
10
100
0.1
1
10
500
0.01
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
25
50
75
100
3456
7
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
0
25
50
75
100
0
0.5
1.0
1.5
2.0
VGS = 7V
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 6V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 10V
VGS = 5V
8
10
12
14
16
18
0
1020304050
ID, DRAIN CURRENT (A)
VGS = 6V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.5
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 50A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
©2012 Fairchild Semiconductor Corporation
FDD10AN06A0_F085 Rev. C1


Podobny numer części - FDD10AN06_F085_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD10AN06A0 FAIRCHILD-FDD10AN06A0 Datasheet
236Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 10.5m?
FDD10AN06A0_F085 FAIRCHILD-FDD10AN06A0_F085 Datasheet
390Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 10.5m
More results

Podobny opis - FDD10AN06_F085_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD13AN06A0 FAIRCHILD-FDD13AN06A0_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
FDD14AN06L_F085 FAIRCHILD-FDD14AN06L_F085_10 Datasheet
378Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
logo
ON Semiconductor
FDD13AN06A0-F085 ONSEMI-FDD13AN06A0-F085 Datasheet
626Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
September-2017, Rev. 1
FDD14AN06LA0-F085 ONSEMI-FDD14AN06LA0-F085 Datasheet
870Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDD10AN06A0 FAIRCHILD-FDD10AN06A0 Datasheet
236Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 10.5m?
FDD10AN06A0_F085 FAIRCHILD-FDD10AN06A0_F085 Datasheet
390Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 10.5m
FDM6296 FAIRCHILD-FDM6296_07 Datasheet
231Kb / 6P
   Single N-Channel Logic-Level PowerTrench짰 MOSFET 30V,11.5A, 10.5m廓
FDP8447L FAIRCHILD-FDP8447L Datasheet
188Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8445 FAIRCHILD-FDD8445_07 Datasheet
360Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com