Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD14AN06L_F085 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FDD14AN06L_F085
Szczegółowy opis  N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD14AN06L_F085 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FDD14AN06L_F085_10 Datasheet HTML 1Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 2Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 3Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 4Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 5Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 6Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 7Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 8Page - Fairchild Semiconductor FDD14AN06L_F085_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 11. Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 13. Capacitance vs Drain to Source
Voltage
Figure 14. Gate Charge Waveforms for Constant
Gate Currents
Typical Characteristics T
C = 25°C unless otherwise noted
0.4
0.6
0.8
1.0
1.2
1.4
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.9
1.0
1.1
1.2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
100
1000
0.1
1
10
60
5000
50
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
0
1020
3040
50
Qg, GATE CHARGE (nC)
VDD = 30V
ID = 50A
ID = 10A
WAVEFORMS IN
DESCENDING ORDER:
©2010 Fairchild Semiconductor Corporation
FDD14AN06LA0_F085 Rev. C


Podobny numer części - FDD14AN06L_F085_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD14AN06LA0 FAIRCHILD-FDD14AN06LA0 Datasheet
227Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 14.6mohm
logo
Inchange Semiconductor ...
FDD14AN06LA0 ISC-FDD14AN06LA0 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD14AN06LA0-F085 ONSEMI-FDD14AN06LA0-F085 Datasheet
870Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
September-2017, Rev. 3
More results

Podobny opis - FDD14AN06L_F085_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FDD14AN06LA0-F085 ONSEMI-FDD14AN06LA0-F085 Datasheet
870Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDD13AN06A0 FAIRCHILD-FDD13AN06A0_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
logo
ON Semiconductor
FDD13AN06A0-F085 ONSEMI-FDD13AN06A0-F085 Datasheet
626Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDD10AN06_F085 FAIRCHILD-FDD10AN06_F085_12 Datasheet
390Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 10.5m廓
FDP8447L FAIRCHILD-FDP8447L Datasheet
188Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8445 FAIRCHILD-FDD8445_07 Datasheet
360Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
FDP150N10A FAIRCHILD-FDP150N10A Datasheet
321Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 50A, 15m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com