Zakładka z wyszukiwarką danych komponentów |
|
ST0603CG8R2C501 Arkusz danych(PDF) 10 Page - MERITEK ELECTRONICS CORPORATION |
|
ST0603CG8R2C501 Arkusz danych(HTML) 10 Page - MERITEK ELECTRONICS CORPORATION |
10 / 10 page No. Item Test Condition Requirements 11. Humidity (Damp Heat) Load * Test temp.: 40±2°C * Humidity: 90~95%RH * Test time: 500+24/-0 hrs. * To apply voltage:rated voltage (Max. 500V) * Measurement to be made after keeping at room temp. for 24±2 hrs. (Class I). * No remarkable damage. * Cap change: NP0: within ±7.5% or ±0.75pF whichever is larger. * Q/D.F. value: NP0: Cap≥30pF, Q≥200; Cap<30pF, Q≥100+10/3C * I.R.: ≥500M or RxC≥25 -F whichever is smaller. 12. Vibration Resistance * Vibration frequency: 10~55 Hz/min. * Total amplitude: 1.5mm * Test time: 6 hrs. (Two hrs each in three mutually perpendicular directions.) * No remarkable damage. * Cap change and Q/D.F.: To meet initial spec. 13. High Temperature Load (Endurance) * Test temp.: 125±3°C * To apply voltage: (1) UR≤ 250V: 200% of rated voltage. Exception item: To apply 150% of rated voltage UR Size Cap. Range 100V 1206 1210 > 224 1210 > 224 1812 > 474 1825 > 105 2220 > 105 200V / 250V 2225 > 105 (2) 250 < UR ≤500V: 150% of rated voltage. (3) UR > 500V: 120% of rated voltage. * Test time: 1000+24/-0 hrs. * Measurement to be made after keeping at room temp. for 24±2 hrs. (Class I) or 48±4 hrs (Class II) * No remarkable damage. * Cap change: NP0: within ±3.0% or ±0.3pF whichever is larger. X7R :within ±15% * Q/D.F Value: NP0: Cap≥30pF, Q≥350 10pF≤Cap<30pF, Q≥275+2.5C Cap<10pF, Q≥200+10C X7R: ≤7.0% * I.R.: ≥1G or RxC≥50 -F whichever is smaller. 14. Resistance to Flexure of Substrate * The middle part of substrate shall be pressurized by means of the pressurizing rod at a rate of about 1mm per second until the deflection becomes 5mm. * No remarkable damage. * Cap change: X7R: within ±10% (This capacitance change means the change of capacitance under specified flexure of substrate from the capacitance measured before the test.) 15. Adhesive Strength of Termination * Capacitors mounted on a substrate. A force of 10N applied perpendicular to the place of substrate and parallel the line joining the center of terminations for 10±1 second. * No remarkable damage or removal of the terminations. R = 230 20 50 45±1 45±1 5mm Capacitor PC Board 10N Soft Termination Multilayer Ceramic Chip Capacitors RoHS MERITEK ST Series Rev.7 |
Podobny numer części - ST0603CG8R2C501 |
|
Podobny opis - ST0603CG8R2C501 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |