Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL0453 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części HCPL0453
Szczegółowy opis  Single Channel: HCPL0452 HCPL0453 HCPL0500 HCPL0501 Dual Channel: HCPL0530 HCPL0531 HCPL0534
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0453 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button HCPL0453_09 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0453_09 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0XXX Rev. 1.0.4
6
Typical Performance Curves
Fig. 1 Normalized CTR vs. Forward Current
IF - FORWARD CURRENT (mA)
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 2 Normalized CTR vs. Temperature
TA - TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 3 Output Current vs. Output Voltage
VO - OUTPUT VOLTAGE (V)
02468
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
IF = 5 mA
IF = 10 mA
IF = 15 mA
IF = 20 mA
IF = 25 mA
IF = 30 mA
IF = 35 mA
IF = 40 mA
Normalized to:
IF = 16 mA
VO = 0.4 V
VCC = 5 V
TA = 25°C
Normalized to:
TA = 25°C
IF = 16mA
VCC = 5 V
VO = 0.4 V
Fig. 4 Logic High Output Current
vs. Temperature
TA - TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0.1
1
10
100
1000
Fig. 5 Propagation Delay vs. Temperature
TA - TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
600
700
800
RL = 1.9 K (TPHL)
R = 4.1 K (TPLH)
L
RL = 1.9 K (TPLH)
RL = 4.1 K (TPLH)
Fig. 6 Propagation Delay vs. Load Resistance
RL = LOAD RESISTANCE (kΩ)
1
10
100
1000
10000
IF - 16 mA (TPHL)
IF - 10 mA (TPHL)
IF - 10 mA (TPLH)
IF - 16 mA (TPLH)
TA = 25°C
VCC = 5 V
IF = 0 mA
VCC = 5 V
VO = 5 V
IF = 16 mA
VCC = 5 V
VCC = 5 V
TA = 25°C


Podobny numer części - HCPL0453_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
335Kb / 12P
   Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
More results

Podobny opis - HCPL0453_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HCPL0500R2 FAIRCHILD-HCPL0500R2 Datasheet
335Kb / 12P
   Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
logo
Texas Instruments
TIL920 TI1-TIL920 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD0708_0604 FAIRCHILD-FOD0708_0604 Datasheet
540Kb / 11P
   Single/Dual Channel CMOS Optocoupler
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-500E AVAGO-HCPL-3150-500E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
ACPL-K73L-060E AVAGO-ACPL-K73L-060E Datasheet
370Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd
ACPL-074L-000E AVAGO-ACPL-074L-000E Datasheet
259Kb / 1P
   Single-channel and Dual-channel High Speed 15 MBd
logo
Glenair, Inc.
050_112 GLENAIR-050_112 Datasheet
607Kb / 15P
   Media Converter, Dual or Single Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com