Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9617JR Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD9617JR
Szczegółowy opis  Low Distortion, Precision, Wide Bandwidth Op Amp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9617JR Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD9617JR Datasheet HTML 2Page - Analog Devices AD9617JR Datasheet HTML 3Page - Analog Devices AD9617JR Datasheet HTML 4Page - Analog Devices AD9617JR Datasheet HTML 5Page - Analog Devices AD9617JR Datasheet HTML 6Page - Analog Devices AD9617JR Datasheet HTML 7Page - Analog Devices AD9617JR Datasheet HTML 8Page - Analog Devices AD9617JR Datasheet HTML 9Page - Analog Devices AD9617JR Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AD9617
–9–
REV. B
The effective noise at the output of the amplifier can be deter-
mined by taking the root sum of the squares of Equation 11 and
applying the spectral noise values found in the typical graph
section. This applies to noise from the op amp only. Note that
both the noise figure and equivalent input offset voltages im-
prove as the closed loop gain is increased (by keeping RF fixed
and reducing RI with RN = 0 Ω).
CLI
In
400
RSERIES
RL
500
CL
Figure 17. Capacitive Load Figure
Capacitive Load Considerations
Due to the low inverting input resistance (RS) and output buffer
design, the AD9617 can directly handle input and/or output
load capacitances of up to 20 pF. See the chart below.
A small series resistor can be used at the output of the amplifier
and outside of the feedback loop to facilitate driving larger ca-
pacitive loads or for obtaining faster settling time. For capacitive
loads above 20 pF, RSERIES should be considered.
INPUT CAPACITANCE – CLI
5pF
4pF/DIV
25pF
INPUT CAPACITANCE – CL
10pF
4pF/DIV
30pF
RSERIES = 0
35
30
25
20
15
10
VOUT = 4V STEP
CL = 0pF
VOUT = 4V STEP
CLI = 0pF
Figure 18. Input/Output Capacitance Comparisons
CL – pF
25
0
20
15
10
5
0
20
40
60
80
100
Figure 19. Recommended RSERIES vs. CL
APPLYING THE AD9617
The superior frequency and time domain specifications of the
AD9617 make it an obvious choice for driving flash converters
and buffering the outputs of high speed DACs. Its outstanding
distortion and noise performance make it well suited as a driver
for analog to digital converters (ADCs) with resolutions as high
as 16 bits.
Typical circuits for inverting and noninverting applications are
shown in Figures 20 and 21.
Closed-loop gain for noninverting configurations is determined
by the value of RI according to the equation:
G
= 1 +
RF
RI
(12)
0.1 F
0.1 F
0.1 F
0.1 F
3.3 F
3.3 F
–VS
+VS
AD9617
VOUT
400
RIN
VIN
RI
Figure 20. Noninverting Operation
0.1 F
0.1 F
0.1 F
0.1 F
3.3 F
3.3 F
–VS
+VS
AD9617
VOUT
400
RTERM
VIN
RI
Figure 21. Inverting Operation


Podobny numer części - AD9617JR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
AD9610 AD-AD9610 Datasheet
567Kb / 8P
   WIDE BANDWIDTH FAST SETTLING
AD9610BH AD-AD9610BH Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
AD9610TH AD-AD9610TH Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
AD9610TH/883B AD-AD9610TH/883B Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
More results

Podobny opis - AD9617JR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9618 AD-AD9618_15 Datasheet
474Kb / 8P
   LOW DISTORTION PRECISION WIDE BANDWIDTH OP AMP
REV. A
AD9618 AD-AD9618 Datasheet
414Kb / 8P
   Low Distortion, Precision, Wide Bandwidth Op Amp
REV. A
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
   Precision, High-Bandwidth Op Amp
Rev 0; 9/10
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
   Precision, High-Bandwidth Op Amp
2015
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
Analog Devices
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com