Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9772 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9772
Szczegółowy opis  14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9772 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9772 Datasheet HTML 1Page - Analog Devices AD9772 Datasheet HTML 2Page - Analog Devices AD9772 Datasheet HTML 3Page - Analog Devices AD9772 Datasheet HTML 4Page - Analog Devices AD9772 Datasheet HTML 5Page - Analog Devices AD9772 Datasheet HTML 6Page - Analog Devices AD9772 Datasheet HTML 7Page - Analog Devices AD9772 Datasheet HTML 8Page - Analog Devices AD9772 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
REV. 0
–5–
AD9772
DIGITAL FILTER SPECIFICATIONS (T
MIN to TMAX, AVDD = +3 V, CLKVDD = +3 V, PLLVDD = 0 V, DVDD = +3 V,
IOUTFS = 20 mA, Differential Transformer Coupled Output, 50
Doubly Terminated, unless otherwise noted)
Parameter
Min
Typ
Max
Units
MAXIMUM INPUT DATA RATE (fDATA)
150
MSPS
DIGITAL FILTER CHARACTERISTICS
Passband Width1: 0.005 dB
0.401
fOUT/fDATA
Passband Width: 0.01 dB
0.404
fOUT/fDATA
Passband Width: 0.1 dB
0.422
fOUT/fDATA
Passband Width: –3 dB
0.479
fOUT/fDATA
LINEAR PHASE (FIR IMPLEMENTATION)
STOPBAND REJECTION
0.606 fCLOCK to 1.394 fCLOCK
73
dB
GROUP DELAY2
21
Input Clocks
IMPULSE RESPONSE DURATION
–40 dB
36
Input Clocks
–60 dB
42
Input Clocks
NOTES
1Excludes sin(x)/x characteristic of DAC.
2Defined as the number of data clock cycles between impulse input and peak of output response.
Specifications subject to change without notice.
FREQUENCY – DC TO fDATA
0
–140
0
1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–20
–40
–60
–80
–100
–120
Figure 2a. FIR Filter Frequency Response—Baseband Mode
TIME – Samples
1
–0.4
0
5
10
15
20
25
30
35
40
45
0.8
0.6
0.4
0.2
0
–0.2
Figure 2b. FIR Filter Impulse Response—Baseband Mode
Table I. Integer Filter Coefficients for Interpolation Filter
(43-Tap Half-Band FIR Filter)
Lower
Upper
Integer
Coefficient
Coefficient
Value
H(1)
H(43)
10
H(2)
H(42)
0
H(3)
H(41)
–31
H(4)
H(40)
0
H(5)
H(39)
69
H(6)
H(38)
0
H(7)
H(37)
–138
H(8)
H(36)
0
H(9)
H(35)
248
H(10)
H(34)
0
H(11)
H(33)
–419
H(12)
H(32)
0
H(13)
H(31)
678
H(14)
H(30)
0
H(15)
H(29)
–1083
H(16)
H(28)
0
H(17)
H(27)
1776
H(18)
H(26)
0
H(19)
H(25)
–3282
H(20)
H(24)
0
H(21)
H(23)
10364
H(22)
16384


Podobny numer części - AD9772

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9772 AD-AD9772 Datasheet
389Kb / 30P
   14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
REV. 0
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
AD9772A AD-AD9772A Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9772A-EB AD-AD9772A-EB Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9772AAST AD-AD9772AAST Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
More results

Podobny opis - AD9772

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9774 AD-AD9774 Datasheet
313Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV. B
AD9774ASZ AD-AD9774ASZ Datasheet
302Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
REV. B
AD9761 AD-AD9761 Datasheet
246Kb / 23P
   Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV. A
AD9772 AD-AD9772_15 Datasheet
389Kb / 30P
   14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
REV. 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9786 AD-AD9786 Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9775 AD-AD9775 Datasheet
5Mb / 48P
   14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com