Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9806KST Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9806KST
Szczegółowy opis  Complete 10-Bit 18 MSPS CCD Signal Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9806KST Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9806KST Datasheet HTML 4Page - Analog Devices AD9806KST Datasheet HTML 5Page - Analog Devices AD9806KST Datasheet HTML 6Page - Analog Devices AD9806KST Datasheet HTML 7Page - Analog Devices AD9806KST Datasheet HTML 8Page - Analog Devices AD9806KST Datasheet HTML 9Page - Analog Devices AD9806KST Datasheet HTML 10Page - Analog Devices AD9806KST Datasheet HTML 11Page - Analog Devices AD9806KST Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. 0
AD9806
–11–
APPLICATION INFORMATION
Grounding and Decoupling Recommendations
As shown in Figure 10, a single ground plane is recommended
for the AD9806. This ground plane should be as continuous as
possible, particularly around Pins 25 through 37. This will ensure
that all analog decoupling capacitors provide the lowest possible
impedance path between the power and bypass pins and their
respective ground pins. All decoupling capacitors should be
located as close as possible to the package pins. A single clean
power supply is recommended for the AD9806, but a separate
digital driver supply may be used for DRVDD (Pin 12). DRVDD
should always be decoupled to DRVSS (Pin 13), which should
be connected to the analog ground plane. The advantages of
using a separate digital driver supply include using a lower volt-
age (2.7 V) to match levels with a 2.7 V ASIC, reducing digital
power dissipation, and reducing potential noise coupling.
Using the AD9806 in AD9803 Sockets
The AD9806 may be easily used in existing AD9803 designs
without any circuit modifications. Most of the pin assignments
are the same for both ICs. Table I outlines the differences. The
circuit of Figure 10 shows the necessary connections for the
AD9806 when used in an existing AD9803 socket. If the two
auxiliary DACs are not used, then Pins 39 and 40 (DAC1 and
DAC2) may be grounded. If the AUX or ADC modes are needed,
then the input signal should be connected to either AUXIN or
ADCIN through a 0.1
µF capacitor, in the same way that
CCDIN is used with the input signal.
Table I. AD9806/AD9803 Pin Differences
Pin
No.
AD9803
AD9806
Circuit Connection
1
NC
NC
Ground
15
ACLP
NC
Ground
24
NC
NC
Ground
25
CCDBYP2
CLPOUT
Decoupled with 0.1
µF
to Ground
27
PIN
NC
Shorted to Pin 26
28
CCDBYP2
CLPREF
Decoupled with 0.1
µF
to Ground
29
PGABYP1
NC
Decoupled with 0.1
µF
to Ground
30
PGABYP2
NC
Shorted to Pin 29
35
AUXCONT
AUXMID
Ground, or decoupled
with 0.1
µF to Ground
38
VTRBYP
NC
Decoupled with 0.1
µF
to Ground
Using the AD9806 in New Designs
Figure 11 shows the recommended circuit for using the AD9806
in new designs. Three external decoupling capacitors have been
removed from the circuit shown in Figure 9, one from Pin 29,
one from Pin 38, and one from between Pins 47 and 48. Note
that the decoupling capacitors for Pins 47 (VRB) and 48 (VRT)
must be increased to 1.0
µF when used in this configuration.
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
CCD
SIGNAL
INPUT
VDD
0.1 F
DIGITAL
OUTPUT
DATA
48
47
46
45
44
39 38
37
43
42
41 40
1
2
3
4
5
6
7
8
9
10
11
12
NC
D0 (LSB)
D1
D2
D3
D4
D5
D6
D7
D8
D9 (MSB)
DRVDD
AD9806
13 14
15
16
17
18
19
20
21 22
23
24
36
35
34
33
32
31
30
29
28
27
26
25
ADCIN
AUXMID
AUXIN
ACVDD
CLPBYP
ACVSS
NC
NC
CLPREF
NC
DIN
CLPOUT
NC = NO CONNECT
0.1 F
VDD
VDD
0.1 F
CLPDM
SHD
SHP
CLPOB
PBLK
ADCCLK
0.1 F
0.1 F
VOUT1
VOUT2
SDATA
SCK
SL
0.1 F
0.1 F
1.0 F
0.1 F
VDD
Figure 10. CCD-Mode Circuit Configuration Used in AD9803 Socket


Podobny numer części - AD9806KST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9806 AD-AD9806 Datasheet
130Kb / 12P
   Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9806 AD-AD9806_15 Datasheet
130Kb / 12P
   Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
More results

Podobny opis - AD9806KST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9804 AD-AD9804_15 Datasheet
304Kb / 8P
   Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9804 AD-AD9804 Datasheet
379Kb / 8P
   Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9806 AD-AD9806_15 Datasheet
130Kb / 12P
   Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A Datasheet
162Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9843A AD-AD9843A Datasheet
170Kb / 16P
   Complete 10-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9846A AD-AD9846A Datasheet
231Kb / 24P
   Complete 10-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZRL AD-AD9840AJSTZRL Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com