Zakładka z wyszukiwarką danych komponentów |
|
ADG429 Arkusz danych(PDF) 6 Page - Analog Devices |
|
ADG429 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 12 page REV. C ADG428/ADG429 –6– TIMING DIAGRAMS 3V WR 0V 3V A0, A1, (A2) EN 0V 50% 50% tW tS tH 2V 0.8V Figure 1. Figure 1 shows the timing sequence for latching the switch address and enable inputs. The latches are level sensitive; there- fore, while WR is held low, the latches are transparent and the switches respond to the address and enable inputs. This input data is latched on the rising edge of WR. 50% 50% 3V RS 0V VO SWITCH OUTPUT 0V 0.8VO tRS tOFF (RS) Figure 2. Figure 2 shows the Reset Pulsewidth, tRS, and the Reset Turnoff Time, tOFF, (RS). Note: All digital input signals rise and fall times are measured from 10% to 90% of 3 V. tr = tf = 20 ns. Typical Characteristics VD (VS) – Volts 140 40 –15 15 –10 –5 0 5 10 130 100 70 80 VDD = +15V VSS = –15V 60 50 120 110 90 TA = +25 C VDD = +5V VSS = –5V VDD = +12V VSS = –12V VDD = +10V VSS = –10V Figure 3. RON as a Function of VD (VS): Dual Supply Voltage VD (VS) – Volts 80 40 75 60 55 50 45 70 65 –15 15 –10 –5 05 10 VDD = +15V VSS = –15V +125 C +85 C +25 C Figure 4. RON as a Function of VD (VS) for Different Temperatures VD (VS) – Volts 600 550 100 015 36 9 12 400 250 200 150 500 450 300 350 50 0 TA = +25 C VDD = +12V VSS = 0V VDD = +10V VSS = 0V VDD = +5V VSS = 0V VDD = +15V VSS = 0V Figure 5. RON as a Function of VD (VS): Single Supply Voltage VD (VS) – Volts 160 60 015 2 468 10 150 120 90 80 70 140 130 110 100 VDD = +12V VSS = 0V +125 C +25 C +85 C Figure 6. RON as a Function of VD (VS) for Different Temperatures |
Podobny numer części - ADG429 |
|
Podobny opis - ADG429 |