Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG466BR Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADG466BR
Szczegółowy opis  Triple and Octal Channel Protectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG466BR Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADG466BR Datasheet HTML 2Page - Analog Devices ADG466BR Datasheet HTML 3Page - Analog Devices ADG466BR Datasheet HTML 4Page - Analog Devices ADG466BR Datasheet HTML 5Page - Analog Devices ADG466BR Datasheet HTML 6Page - Analog Devices ADG466BR Datasheet HTML 7Page - Analog Devices ADG466BR Datasheet HTML 8Page - Analog Devices ADG466BR Datasheet HTML 9Page - Analog Devices ADG466BR Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ADG466/ADG467
–8–
REV. A
When a negative overvoltage is applied to the channel protector
circuit, the PMOS transistor enters a saturated mode of opera-
tion as the drain voltage exceeds VSS – VTP. See Figure 20 be-
low. As in the case of the positive overvoltage, the other MOS
devices are nonsaturated.
NMOS
PMOS
NMOS
VDD (+15V)
VSS (–15V)
VDD (+15V)
NEGATIVE
OVERVOLTAGE
(–20V)
VSS – VTP*
(–13V)
*VTP = PMOS THRESHOLD VOLTAGE (–2V)
NEGATIVE
OVERVOLTAGE
(–20V)
NON-
SATURATED
NON-
SATURATED
SATURATED
Figure 20. Negative Overvoltage on the Channel Protector
The channel protector is also functional when the supply rails
are down (e.g., power failure) or momentarily unconnected
(e.g., rack system). This is where the channel protector has an
advantage over more conventional protection methods such as
diode clamping (see Applications Information). When VDD and
VSS equal 0 V, all transistors are off and the current is limited to
subnano-ampere levels (see Figure 21).
NMOS
PMOS
NMOS
VDD (0V)
VSS (0V)
VDD (0V)
POSITIVE OR
NEGATIVE
OVERVOLTAGE
(0V)
OFF
OFF
OFF
Figure 21. Channel Protector Supplies Equal to Zero Volts
TRENCH ISOLATION
The MOS devices that make up the channel protector are iso-
lated from each other by an oxide layer (trench) (see Figure 22).
When the NMOS and PMOS devices are not electrically iso-
lated from each other, there exists the possibility of “latch-up”
caused by parasitic junctions between CMOS transistors. Latch-
up is caused when P-N junctions that are normally reverse bi-
ased become forward biased, causing large currents to flow,
which can be destructive.
CMOS devices are normally isolated from each other by Junc-
tion Isolation. In Junction Isolation, the N and P wells of the
CMOS transistors form a diode that is reverse-biased under
normal operation. However, during overvoltage conditions, this
diode becomes forward biased. A Silicon-Controlled Rectifier
(SCR) type circuit is formed by the two transistors causing a
significant amplification of the current that, in turn, leads to
latch-up. With Trench Isolation, this diode is removed; the
result is a latch-up proof circuit.
VG
VD
P-CHANNEL
P+
P+
VS
N–
VG
VD
N-CHANNEL
N+
N+
VS
P–
T
R
E
N
C
H
T
R
E
N
C
H
T
R
E
N
C
H
BURIED OXIDE LAYER
SUBSTRATE (BACKGATE)
Figure 22. Trench Isolation


Podobny numer części - ADG466BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG466 AD-ADG466 Datasheet
278Kb / 8P
   Triple and Octal Channel Protectors
REV. 0
ADG466 AD-ADG466_15 Datasheet
278Kb / 8P
   Triple and Octal Channel Protectors
REV. 0
More results

Podobny opis - ADG466BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG466 AD-ADG466_15 Datasheet
278Kb / 8P
   Triple and Octal Channel Protectors
REV. 0
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP70XXL1 BOURNS-TISP70XXL1 Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7015L1 BOURNS-TISP7015L1_08 Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXF3 BOURNS-TISP70XXF3 Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7072F3 BOURNS-TISP7072F3_08 Datasheet
829Kb / 15P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7125F3 BOURNS-TISP7125F3_08 Datasheet
988Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com