Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG506ABQ Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADG506ABQ
Szczegółowy opis  CMOS 8-/16-Channel Analog Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG506ABQ Arkusz danych(HTML) 4 Page - Analog Devices

  ADG506ABQ Datasheet HTML 1Page - Analog Devices ADG506ABQ Datasheet HTML 2Page - Analog Devices ADG506ABQ Datasheet HTML 3Page - Analog Devices ADG506ABQ Datasheet HTML 4Page - Analog Devices ADG506ABQ Datasheet HTML 5Page - Analog Devices ADG506ABQ Datasheet HTML 6Page - Analog Devices ADG506ABQ Datasheet HTML 7Page - Analog Devices ADG506ABQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADG506A/ADG507A
–4–
REV. C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADG506A /ADG507A feature proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25°C unless otherwise noted)
VDD to VSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –25 V
Analog Inputs
2
Voltage at S, D . . . . . . . . . . . . . . . . . . . . . . . VSS – 2 V to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . + 2 V or
. . . . . . . . . . . . . . . . . . . . . . 20 mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 20 mA
Pulsed Current S or D
1 ms Duration, 10% Duty Cycle . . . . . . . . . . . . . . . . 40 mA
Digital Inputs
2
Voltage at A, EN . . . . . . . . . . . . . . . . . . . . . . . . . . VSS – 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . to VDD + 4 V or
. . . . . . . . . . . . . . . . . . . . . . 20 mA, Whichever Occurs First
Power Dissipation (Any Package)
Up to +75
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 470 mW
Derates above +75
°C by . . . . . . . . . . . . . . . . . . 6 mW/°C
Operating Temperature
Commercial (K Version) . . . . . . . . . . . . . . –40
°C to +85°C
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (T Version) . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Overvoltage at A, EN, S or D will be clamped by diodes. Current should be limited
to the Maximum Rating above.
PIN CONFIGURATIONS
DIP, SOIC
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
ADG506A
NC = NO CONNECT
VDD
S7
S8
VSS
D
NC
NC
S16
S4
S5
S6
S15
S14
S13
S12
S11
S10
S1
S2
S3
S9
GND
NC
A3
EN
A2
A1
A0
LCCC
28
27
1
2
3
426
25
21
22
23
24
19
20
5
6
7
8
9
10
11
12 13 14 15 16 17 18
TOP VIEW
(Not to Scale)
NC = NO CONNECT
S7A
S6A
S5A
S4A
S3A
S2A
S1A
S7B
S6B
S5B
S4B
S3B
S2B
S1B
ADG507A
PLCC
7
8
9
10
11
5
6
28 27 26
1
2
3
4
21
22
23
24
25
19
20
12
13
14
15
16
17
18
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
S7B
S6B
S5B
S4B
S3B
S7A
S6A
S5A
S4A
S3A
NC = NO CONNECT
ADG507A
S2B
S1B
S2A
S1A
PLCC
7
8
9
10
11
5
6
28 27 26
1
2
3
4
21
22
23
24
25
19
20
12
13
14
15
16
17
18
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
S15
S14
S13
S12
S11
S7
S6
S5
S4
S3
NC = NO CONNECT
ADG506A
S10
S9
S2
S1
DIP, SOIC, TSSOP
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
ADG507A
NC = NO CONNECT
VDD
S7A
S8A
VSS
DA
DB
NC
S8B
S4A
S5A
S6A
S7B
S6B
S5B
S4B
S3B
S2B
S1A
S2A
S3A
S1B
GND
NC
NC
EN
A2
A1
A0
LCCC
28
27
1
2
3
426
25
21
22
23
24
19
20
5
6
7
8
9
10
11
12 13 14 15 16 17 18
TOP VIEW
(Not to Scale)
NC = NO CONNECT
S7
S6
S5
S4
S3
S2
S1
S15
S14
S13
S12
S11
S10
S9
ADG506A
WARNING!
ESD SENSITIVE DEVICE


Podobny numer części - ADG506ABQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG506ABQ AD-ADG506ABQ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ABQ AD-ADG506ABQ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ABQ AD-ADG506ABQ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ABQ AD-ADG506ABQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ABQ AD-ADG506ABQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results

Podobny opis - ADG506ABQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKRZ AD-ADG507AKRZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE-883B AD-ADG506ATE-883B Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKNZ AD-ADG506AKNZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
154Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE AD-ADG506ATE Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKPZ AD-ADG507AKPZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKPZ AD-ADG506AKPZ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com