Zakładka z wyszukiwarką danych komponentów |
|
ADG508FBN Arkusz danych(PDF) 3 Page - Analog Devices |
|
ADG508FBN Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 12 page ADG508F/ADG509F/ADG528F REV. C –3– Table I. ADG508F Truth Table A2 A1 A0 EN ON SWITCH X X X 0 NONE 00011 00112 01013 01114 10015 10116 11017 11118 X = Don’t Care Table II. ADG509F Truth Table A1 A0 EN ON SWITCH PAIR X X 0 NONE 0011 0112 1013 1114 X = Don’t Care Table III. ADG528F Truth Table ON A2 A1 A0 EN WR RS SWITCH X XXX g 1 Retains Previous Switch Condition X XXXX0 NONE (Address and Enable Latches Cleared) X X X 0 0 1 NONE 0 00101 1 0 01101 2 0 10101 3 0 11101 4 1 00101 5 1 01101 6 1 10101 7 1 11101 8 X = Don’t Care TIMING DIAGRAMS (ADG528F) tW 50% 50% tS tH 0.8V 2V 3V WR 0V 3V 0V A0, A1, A2 EN Figure 1. Figure 1 shows the timing sequence for latching the switch address and enable inputs. The latches are level sensitive; there- fore, while WR is held low, the latches are transparent and the switches respond to the address and enable inputs. This input data is latched on the rising edge of WR. tRS 50% 50% 0.8VO 3V RS 0V VO SWITCH OUTPUT tOFF (RS) 0V Figure 2. Figure 2 shows the Reset Pulsewidth, tRS, and the Reset Turn- off Time, tOFF (RS). Note: All digital input signals rise and fall times are measured from 10% to 90% of 3 V. tR = tF = 20 ns. |
Podobny numer części - ADG508FBN |
|
Podobny opis - ADG508FBN |