Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG513 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADG513
Szczegółowy opis  LC2MOS Precision 5 V/3 V Quad SPST Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG513 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADG513 Datasheet HTML 2Page - Analog Devices ADG513 Datasheet HTML 3Page - Analog Devices ADG513 Datasheet HTML 4Page - Analog Devices ADG513 Datasheet HTML 5Page - Analog Devices ADG513 Datasheet HTML 6Page - Analog Devices ADG513 Datasheet HTML 7Page - Analog Devices ADG513 Datasheet HTML 8Page - Analog Devices ADG513 Datasheet HTML 9Page - Analog Devices ADG513 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ADG511/ADG512/ADG513
REV. B
–6–
PIN CONFIGURATION
(DIP/SOIC)
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN1
D1
S1
VSS
GND
S4
D4
IN4
IN2
D2
S2
VDD
NC
S3
D3
IN3
ADG511
ADG512
ADG513
NC = NO CONNECT
Truth Table (ADG511/ADG512)
ADG511
ADG512
Switch
In
In
Condition
01
ON
1
0
OFF
Truth Table (ADG513)
Switch
Switch
Logic
1, 4
2, 3
0
OFF
ON
1
ON
OFF
TERMINOLOGY
VDD
Most positive power supply potential.
VSS
Most negative power supply potential in
dual supplies. In single supply applications,
it may be connected to GND.
GND
Ground (0 V) reference.
S
Source terminal. May be an input or output.
D
Drain terminal. May be an input or output.
IN
Logic control input.
RON
Ohmic resistance between D and S.
IS (OFF)
Source leakage current with the switch
“OFF.”
ID (OFF)
Drain leakage current with the switch
“OFF.”
ID, IS (ON)
Channel leakage current with the switch
“ON.”
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
“OFF” switch source capacitance.
CD (OFF)
“OFF” switch drain capacitance.
CD, CS (ON)
“ON” switch capacitance.
tON
Delay between applying the digital control
input and the output switching on.
tOFF
Delay between applying the digital control
input and the output switching off.
tD
“OFF” or “ON” time measured between the
90% points of both switches when switching
from one address state to another.
Crosstalk
A measure of unwanted signal which is
coupled through from one channel to an-
other as a result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling
through an “OFF” switch.
Charge Injection
A measure of the glitch impulse transferred
from the digital input to the analog output
during switching.


Podobny numer części - ADG513

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG513 AD-ADG513 Datasheet
134Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513 Datasheet
134Kb / 12P
   a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513 Datasheet
144Kb / 12P
   LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513ABR AD-ADG513ABR Datasheet
144Kb / 12P
   LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513ABR4 AD-ADG513ABR4 Datasheet
134Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
More results

Podobny opis - ADG513

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG513BRZ-REEL7 AD-ADG513BRZ-REEL7 Datasheet
134Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511BRZ AD-ADG511BRZ Datasheet
144Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG512BRZ-REEL AD-ADG512BRZ-REEL Datasheet
134Kb / 12P
   a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512BRZ AD-ADG512BRZ Datasheet
144Kb / 12P
   LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG663 AD-ADG663_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com