Zakładka z wyszukiwarką danych komponentów |
|
ML235RAA4N3_LZ Arkusz danych(PDF) 2 Page - Coilcraft lnc. |
|
ML235RAA4N3_LZ Arkusz danych(HTML) 2 Page - Coilcraft lnc. |
2 / 2 page ® © Coilcraft, Inc. 2012 1102 Silver Lake Road Cary, IL 60013 Phone 800-981-0363 Fax 847-639-1508 Email cps@coilcraft.com www.coilcraft-cps.com This product may not be used in medical or high risk applications without prior Coilcraft approval. Specifications subject to change without notice. Please check our web site for latest information. Document ML198-2 Revised 07/13/12 ML235RAA Series (0402) 0402 CHIP INDUCTORS 1. When ordering, please specify tolerance and testing codes: ML235RAAR10GLZ Tolerance: F = 1% G = 2% J = 5% Testing: Z = COTS H = Screening per Coilcraft CP-SA-10001 N = Screening per Coilcraft CP-SA-10003 2. Inductance measured at 250 MHz using a Coilcraft SMD-F test fixture and Coilcraft-provided correlation pieces with an Agilent/HP 4286A impedance analyzer or equivalent. Inductance2 Percent 900 MHz 1.7 GHz SRF min5 DCR max6 Imax Part number1 (nH) tolerance Q min3 L typ Q typ4 L typ Q typ4 (GHz) (Ohms) (mA) ML235RAA1N0JLZ 1.0 5 20 1.02 77 1.02 69 >5.00 0.045 600 ML235RAA1N8JLZ 1.8 5 20 1.78 54 1.78 75 >5.00 0.070 600 ML235RAA1N9JLZ 1.9 5 20 1.72 68 1.74 82 >5.00 0.070 600 ML235RAA2N0_LZ 2.0 5,2 20 1.93 54 1.93 75 >5.00 0.070 600 ML235RAA2N2_LZ 2.2 5,2 20 2.19 59 2.23 100 >5.00 0.070 600 ML235RAA2N4_LZ 2.4 5,2 20 2.24 51 2.27 68 >5.00 0.068 600 ML235RAA3N3_LZ 3.3 5,2,1 20 3.10 65 3.12 87 >5.00 0.066 600 ML235RAA3N6_LZ 3.6 5,2,1 20 3.56 45 3.62 71 >5.00 0.066 600 ML235RAA3N9_LZ 3.9 5,2,1 20 3.89 50 4.00 75 >5.00 0.066 600 ML235RAA4N3_LZ 4.3 5,2,1 20 4.19 47 4.30 71 >5.00 0.091 600 ML235RAA4N7_LZ 4.7 5,2,1 20 4.55 48 4.68 68 4.77 0.130 600 ML235RAA5N1_LZ 5.1 5,2,1 20 5.15 56 5.25 82 4.80 0.083 600 ML235RAA5N6_LZ 5.6 5,2,1 20 5.16 54 5.28 81 4.80 0.083 600 ML235RAA6N2_LZ 6.2 5,2,1 20 6.16 52 6.37 76 4.80 0.083 600 ML235RAA6N8_LZ 6.8 5,2,1 20 6.56 63 6.93 78 4.80 0.083 600 ML235RAA7N5_LZ 7.5 5,2,1 22 7.91 60 8.22 88 4.80 0.104 600 ML235RAA8N2_LZ 8.2 5,2,1 22 8.50 57 8.85 84 4.40 0.104 600 ML235RAA8N7_LZ 8.7 5,2,1 20 8.78 54 9.21 73 3.80 0.195 480 ML235RAA9N0_LZ 9.0 5,2,1 22 9.07 62 9.53 78 4.66 0.100 680 ML235RAA9N5_LZ 9.5 5,2,1 20 9.42 54 9.98 69 3.48 0.195 480 ML235RAA10N_LZ 10.0 5,2,1 21 9.8 50 10.10 67 3.68 0.195 480 ML235RAA11N_LZ 11.0 5,2,1 24 10.7 52 11.20 78 3.48 0.120 580 ML235RAA12N_LZ 12.0 5,2,1 24 11.9 53 12.70 71 3.60 0.120 580 ML235RAA13N_LZ 13.0 5,2,1 20 13.4 51 14.63 57 3.28 0.210 440 ML235RAA15N_LZ 15.0 5,2,1 22 14.6 55 15.50 77 3.10 0.172 500 ML235RAA16N_LZ 16.0 5,2,1 23 16.6 46 18.86 47 3.05 0.220 480 ML235RAA18N_LZ 18.0 5,2,1 24 18.3 57 20.28 62 2.68 0.230 420 ML235RAA19N_LZ 19.0 5,2,1 24 19.1 50 21.10 67 3.00 0.202 460 ML235RAA20N_LZ 20.0 5,2,1 24 20.7 52 23.66 53 2.90 0.250 400 ML235RAA22N_LZ 22.0 5,2,1 24 23.2 53 26.75 53 2.80 0.300 380 ML235RAA23N_LZ 23.0 5,2,1 24 23.8 49 26.90 64 2.72 0.300 400 ML235RAA24N_LZ 24.0 5,2,1 24 25.1 51 29.50 50 2.60 0.300 390 ML235RAA27N_LZ 27.0 5,2,1 24 28.7 49 33.50 63 2.48 0.298 380 ML235RAA30N_LZ 30.0 5,2,1 24 31.1 46 38.50 39 2.35 0.410 340 ML235RAA33N_LZ 33.0 5,2,1 20 34.9 31 41.74 32 2.30 0.300 340 ML235RAA36N_LZ 36.0 5,2,1 24 39.5 44 48.40 53 2.20 0.440 310 ML235RAA40N_LZ 40.0 5,2,1 24 39.0 44 47.40 33 2.24 0.440 290 3. Q measured at 250 MHz using an Agilent/HP 4291A with an Agilent/ HP 16197A test fixture or equivalents. 4. Q measured using an Agilent/HP 4291A with an Agilent/HP 16197A test fixture or equivalents. 5. SRF measured using an Agilent/HP 8753ES network analyzer and a Coilcraft CCF1192 test fixture. 6. DCR measured on a Keithley 580 micro-ohmmeter and a Coilcraft CCF1192 test fixture. 7. Electrical specifications at 25°C. Refer to Doc 362 “Soldering Surface Mount Components” before soldering. |
Podobny numer części - ML235RAA4N3_LZ |
|
Podobny opis - ML235RAA4N3_LZ |