Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM2209E Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADM2209E
Szczegółowy opis  EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM2209E Arkusz danych(HTML) 4 Page - Analog Devices

  ADM2209E Datasheet HTML 1Page - Analog Devices ADM2209E Datasheet HTML 2Page - Analog Devices ADM2209E Datasheet HTML 3Page - Analog Devices ADM2209E Datasheet HTML 4Page - Analog Devices ADM2209E Datasheet HTML 5Page - Analog Devices ADM2209E Datasheet HTML 6Page - Analog Devices ADM2209E Datasheet HTML 7Page - Analog Devices ADM2209E Datasheet HTML 8Page - Analog Devices ADM2209E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
ADM2209E
–4–
PIN FUNCTION DESCRIPTION
Pin Number
Mnemonic
Function
1R5OUTA
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
2R4OUTA
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
3R3OUTA
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
4R2OUTA
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
5R1OUTA
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
6T3INA
Driver Input (3.3 V/5 V TTL/CMOS Logic Levels)
7T2INA
Driver Input (3.3 V/5 V TTL/CMOS Logic Levels)
8T1INA
Driver Input (3.3 V/5 V TTL/CMOS Logic Levels)
9
STBY
3.3 V/5 V Standby Power Supply for Receiver R5 in Ports A and B
10
VDD
Positive Power Supply, Nominally +12 V
11
C+
Positive Terminal of C1 (If C1 is polarized capacitor.)
12
T1INB
Driver Input (3.3 V/5 V TTL/CMOS Logic Levels)
13
T2INB
Driver Input (3.3 V/5 V TTL/CMOS Logic Levels)
14
T3INB
Driver Input (3.3 V/5 V TTL/CMOS Logic Levels)
15
R1OUTB
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
16
R2OUTB
Receiver Output (3 V/5 V TTL/CMOS Logic Levels)
17
R3OUTB
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
18
R4OUTB
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
19
R5OUTB
Receiver Output (3.3 V/5 V TTL/CMOS Logic Levels)
20
R5INB
Receiver Input (EIA-232 Signal Levels)
21
R4INB
Receiver Input (EIA-232 Signal Levels)
22
R3INB
Receiver Input (EIA-232 Signal Levels)
23
R2INB
Receiver Input (EIA-232 Signal Levels)
24
R1INB
Receiver Input (EIA-232 Signal Levels)
25
T3OUTB
Driver Output (EIA-232 Signal Levels)
26
T2OUTB
Driver Output (EIA-232 Signal Levels)
27
T1OUTB
Driver Output (EIA-232 Signal Levels)
28
GND
Ground Pin. Must Be Connected to 0 V
29
C–
Negative Terminal of C1 (If C1 is polarized capacitor.)
30
V–
Inverter Output (–12 V Nominal)–Terminal of C2 (If C2 is polarized capacitor.)
31
T1OUTA
Driver Output (EIA-232 Signal Levels)
32
T2OUTA
Driver Output (EIA-232 Signal Levels)
33
T3OUTA
Driver Output (EIA-232 Signal Levels)
34
R1INA
Receiver Input (EIA-232 Signal Levels)
35
R2INA
Receiver Input (EIA-232 Signal Levels)
36
R3INA
Receiver Input (EIA-232 Signal Levels)
37
R4INA
Receiver Input (EIA-232 Signal Levels)
38
R5INA
Receiver Input (EIA-232 Signal Levels)


Podobny numer części - ADM2209E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209E AD-ADM2209E_15 Datasheet
146Kb / 12P
   Dual RS-232 Port with Standby
REV. 0
More results

Podobny opis - ADM2209E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
logo
Maxim Integrated Produc...
MAX3186 MAXIM-MAX3186 Datasheet
86Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
19-1077; Rev 0; 9/96
MAX3187 MAXIM-MAX3187 Datasheet
81Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps, Dual RS-232 Serial Port for Motherboards/Desktops
19-1186; Rev 1; 10/98
logo
Analog Devices
ADM483E AD-ADM483E Datasheet
324Kb / 12P
   -15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com