Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB340EH Arkusz danych(PDF) 1 Page - Sirectifier Global Corp.

Numer części SB340EH
Szczegółowy opis  Power Schottky Rectifier - 3Amp 40~200Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIRECT [Sirectifier Global Corp.]
Strona internetowa  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB340EH Arkusz danych(HTML) 1 Page - Sirectifier Global Corp.

  SB340EH Datasheet HTML 1Page - Sirectifier Global Corp. SB340EH Datasheet HTML 2Page - Sirectifier Global Corp. SB340EH Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 3Amp 40~200Volt
Features
-Low forward voltage drop
-High current capability
-High reliability
-High surge current capability
-Epitaxial construction
-Halogen-Free
Mechanical data
-Case
:Molded plastic
-Epoxy
:UL 94V-0 rate flame retardant
-Lead
:Axial leads, solderable per MIL-STD-202,method 208 guaranteed
-Polarity
:Color band denotes cathode end
-Mounting position
:Any
-Weight
:1.2 grams
Maximum ratings and Electrical characteristics
Parameters
SB340EH
SB360EH
SB3100EH SB3150EH SB3200EH
UNIT
Maximum Recurrent Peak Reverse Voltage
40
60
100
150
200
V
Maximum RMS Voltage
28
42
70
105
140
V
Maximum DC Blocking Voltage
40
60
100
150
200
V
Maximum Average Forward Rectified Current
3
A
Peak Forward Surge Current
80
A
Tc = 25ºC
0.55
0.65
0.82
0.88
0.90
Maximum Instantaneous Forward
Voltage at 3A
Tc = 125ºC
0.44
0.50
0.66
0.69
0.72
V
Tc = 25ºC
0.5
0.05
Maximum Average Reverse Current
at Rated DC Blocking Voltage
Tc = 125ºC
20
10
mA
Typical Junction Capacitance
150
pF
Typical Thermal Resistance RθJA
30
ºC/W
Operating and Storage Temperature Range
-50 to +150
-50 to +175
ºC
June 2010 / Rev.6.6
E
L
E
C
T
R
O
N
I
C
SB340EH ~ SB3200EH


Podobny numer części - SB340EH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB340E PANJIT-SB340E Datasheet
173Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB340E SIRECT-SB340E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 3Amp 40~100Volt
logo
Pan Jit International I...
SB340E PANJIT-SB340E Datasheet
48Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
SB340EA-G COMCHIP-SB340EA-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB340EB-G COMCHIP-SB340EB-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
More results

Podobny opis - SB340EH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sirectifier Global Corp...
SB340ES SIRECT-SB340ES Datasheet
184Kb / 3P
   Power Schottky Rectifier - 3Amp 40~200Volt
SB340ESH SIRECT-SB340ESH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 3Amp 40~200Volt
SB340H SIRECT-SB340H_10 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 3Amp 40~200Volt
SB3150 SIRECT-SB3150 Datasheet
210Kb / 2P
   Power Schottky Rectifier - 3Amp 150~200Volt
SB340E SIRECT-SB340E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 3Amp 40~100Volt
SB340LH SIRECT-SB340LH Datasheet
183Kb / 3P
   Power Schottky Rectifier - 3Amp 40~100Volt
SB340 SIRECT-SB340 Datasheet
226Kb / 2P
   Power Schottky Rectifier - 3Amp 40~100Volt
SB340L SIRECT-SB340L Datasheet
227Kb / 2P
   Power Schottky Rectifier - 3Amp 40~100Volt
SB340H SIRECT-SB340H Datasheet
227Kb / 2P
   Power Schottky Rectifier - 3Amp 40~100Volt
SB340L SIRECT-SB340L Datasheet
183Kb / 3P
   Power Schottky Rectifier - 3Amp 40~100Volt
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com