Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1108AR Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADP1108AR
Szczegółowy opis  Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1108AR Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADP1108AR Datasheet HTML 4Page - Analog Devices ADP1108AR Datasheet HTML 5Page - Analog Devices ADP1108AR Datasheet HTML 6Page - Analog Devices ADP1108AR Datasheet HTML 7Page - Analog Devices ADP1108AR Datasheet HTML 8Page - Analog Devices ADP1108AR Datasheet HTML 9Page - Analog Devices ADP1108AR Datasheet HTML 10Page - Analog Devices ADP1108AR Datasheet HTML 11Page - Analog Devices ADP1108AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADP1108
–9–
REV. 0
When the switch turns on, SW2 is pulled up toward VIN. This
forces a voltage across L1 equal to (VIN VCE)
VOUT, and causes
current to flow in L1. This current reaches a final value of:
IPEAK
V IN –V CE –VOUT
L
×36 µs
where 36
µs is the ADP1108 switch’s “on” time.
5
1
8
4
2
ILIM
VIN SW1
FB
SW2
GND
ADP1108
L1
D1
1N5818
VOUT
C2
RLIM
100
R1
R2
VIN
3
C1
Figure 16. Step-Down Mode Operation
When the switch turns off, the magnetic field collapses. The po-
larity across the inductor changes and the switch side of the in-
ductor is driven below ground. Schottky diode D1 then turns on
and current flows into the load. Notice that the Absolute Maxi-
mum Rating for the ADP1108’s SW2 pin is 0.5 V below ground.
To avoid exceeding this limit, D1 must be a Schottky diode. If a
silicon diode is used for D1, Pin SW2 can go to
0.8 V, which
will cause potentially damaging power dissipation within the
ADP1108.
The output voltage of the buck regulator is fed back to the
ADP1108’s FB pin by resistors R1 and R2. When the voltage at
Pin FB falls below 1.245 V, the internal power switch turns
“on” again and the cycle repeats. The output voltage is set by
the formula:
V
OUT = 1.245 V ×
1
+ R1
R2


When operating the ADP1108 in step-down mode, the output
voltage is impressed across the internal power switch’s emitter-
base junction while the switch is off. To protect the switch, the
output voltage should be limited to 6.2 V or less. If a higher out-
put voltage is required, a Schottky diode should be placed in se-
ries with SW2, as shown in Figure 17.
5
1
8
4
2
ILIM
VIN SW1
FB
SW2
GND
ADP1108
L1
D1
1N5818
VOUT
C2
RLIM
100
R1
R2
VIN
3
C1
D2
Figure 17. Step-Down Model, VOUT > 6.2 V
If the input voltage to the ADP1108 varies over a wide range, a
current limiting resistor at Pin 1 may be required. If a particular
circuit requires high peak inductor current with minimum input
supply voltage, then the peak current may exceed the switch
maximum rating and/or saturate the inductor when the supply
voltage is at the maximum value. See the Limiting the Switch
Current section of this data sheet for specific recommendations.
Increasing Output Current in the Step-Down Regulator
Unlike the boost configuration, the ADP1108’s internal power
switch is not saturated when operating in step-down mode. A
conservative value for the voltage across the switch in step-down
mode is 1.5 V. This results in high power dissipation within the
ADP1108 when high peak current is required. To increase the
output current, an external PNP switch can be added (Figure
18). In this circuit, the ADP1108 provides base drive to Q1
through R3 while R4 ensures that Q1 turns off rapidly. The
ADP1108’s internal current limiting function will not work in
this circuit, R5 is provided for this purpose. With the value
shown, R5 limits current to 2 A. In addition to reducing power
dissipation on the ADP1108, this circuit also reduces the switch
voltage. When selecting an inductor value for the circuit of Fig-
ure 18, the switch voltage can be calculated from the formula:
V
SW = V R5 + V Q1(SAT ) ≅ 0.6 V + 0. 4 V ≅ 1V
L1*
100 H
5VOUT
200mA AT 6.5V
500mA AT 8V
R4
100
R5
0.22
Q1
ZETEX
ZTX749
*L1 = COILTRONICS CTX100-4
R2
100
5
8
2
ILIM
VIN
SW1
SW2
GND
ADP1108-5
D1
1N5818
C2
VIN
6.5V TO 20V
3
C1
R3
220
1
4
SENSE
Figure 18. High Current Step-Down Operation
Positive-to-Negative Conversion
The ADP1108 can convert a positive input voltage to a negative
output voltage, as shown in Figure 19. This circuit is essentially
identical to the step-down application of Figure 16, except that
the “output” side of the inductor is connected to power ground.
When the ADP1108’s internal power switch turns off, current
flowing in the inductor forces the output ( VOUT) to a negative
potential. The ADP1108 will continue to turn the switch on un-
til its FB pin is 1.245 V above its GND pin, so the output volt-
age is determined by the formula:
V
OUT = 1.245 V ×
1
+ R1
R2


5
1
8
4
2
ILIM
VIN
SW1
FB
SW2
GND
ADP1108
L1
D1
1N5818
–VOUT
C2
R3
R1
R2
VIN
3
CL
Figure 19. A Positive-to-Negative Converter
The design criteria for the step-down application also apply to
the positive-to-negative converter. The output voltage should be
limited to |6.2 V|, unless a diode is inserted in series with the
SW2 pin (see Figure 17). Also, D1 must again be a Schottky di-
ode to prevent excessive power dissipation in the ADP1108.


Podobny numer części - ADP1108AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results

Podobny opis - ADP1108AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109 AD-ADP1109 Datasheet
131Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1109 AD-ADP1109_15 Datasheet
140Kb / 8P
   Micropower Low Cost Fixed 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com