Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1073AR-33 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADP1073AR-33
Szczegółowy opis  Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1073AR-33 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADP1073AR-33 Datasheet HTML 5Page - Analog Devices ADP1073AR-33 Datasheet HTML 6Page - Analog Devices ADP1073AR-33 Datasheet HTML 7Page - Analog Devices ADP1073AR-33 Datasheet HTML 8Page - Analog Devices ADP1073AR-33 Datasheet HTML 9Page - Analog Devices ADP1073AR-33 Datasheet HTML 10Page - Analog Devices ADP1073AR-33 Datasheet HTML 11Page - Analog Devices ADP1073AR-33 Datasheet HTML 12Page - Analog Devices ADP1073AR-33 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADP1073
–9–
REV. 0
Circuit Operation, Step-Up (Boost) Mode
In boost mode, the ADP1073 produces an output voltage that is
higher than the input voltage. For example, +5 V can be
derived from one alkaline cell (+1.5 V), or +12 V can be
generated from a +5 V logic power supply.
Figure 15 shows an ADP1073 configured for step-up operation.
The collector of the internal power switch is connected to the
output side of the inductor, while the emitter is connected to
GND. When the switch turns on, Pin SW1 is pulled near ground.
This action forces a voltage across L1 equal to VIN –VCE(SAT) and
current begins to flow through L1. This current reaches a final
value (ignoring second-order effects) of:
IPEAK
V IN –VCE(SAT )
L
×38 µs
where 38
µs is the ADP1073 switch’s “on” time.
3
5
1
8
4
2
ILIM
VIN
SW1
FB
SW2
GND
ADP1073
L1
D1
VOUT
C1
*OPTIONAL
R3*
R1
R2
VIN
Figure 15. Step-Up Mode Operation
When the switch turns off, the magnetic field collapses. The
polarity across the inductor changes, current begins to flow
through D1 into the load and the output voltage is driven above
the input voltage.
The output voltage is fed back to the ADP1073 via resistors R1
and R2. When the voltage at pin FB falls below 212 mV, SW1
turns “on” again and the cycle repeats. The output voltage is
therefore set by the formula:
VOUT = 212 mV × 1+
R1
R2


The circuit of Figure 15 shows a direct current path from VIN to
VOUT, via the inductor and D1. Therefore, the boost converter
is not protected if the output is short circuited to ground.
Circuit Operation, Step-Down (Buck) Mode)
The ADP1073’s step-down mode is used to produce an output
voltage that is lower than the input voltage. For example, the
output of four NiCd cells (+4.8 V) can be converted to a +3.3 V
logic supply.
A typical configuration for step-down operation of the ADP1073
is shown in Figure 16. In this case, the collector of the internal
power switch is connected to VIN and the emitter drives the
inductor. When the switch turns on, SW2 is pulled up toward
VIN. This forces a voltage across L1 equal to (VIN – VCE) – VOUT,
and causes current to flow in L1. This current reaches a final
value of:
IPEAK
V IN –VCE –VOUT
L
×38 µs
where 38
µs is the ADP1073 switch’s “on” time.
5
1
8
4
2
ILIM
VIN SW1
FB
SW2
GND
ADP1073
L1
D1
1N5818
VOUT
C2
R3
220
R1
R2
VIN
3
C1
Figure 16. Step-Down Mode Operation
When the switch turns off, the magnetic field collapses. The
polarity across the inductor changes and the switch side of the
inductor is driven below ground. Schottky diode D1 then turns
on and current flows into the load. Notice that the Absolute
Maximum Rating for the ADP1073’s SW2 pin is 0.5 V below
ground. To avoid exceeding this limit, D1 must be a Schottky
diode. Using a silicon diode in this application will generate
forward voltages above 0.5 V, which will cause potentially dam-
aging power dissipation within the ADP1073.
The output voltage of the buck regulator is fed back to the
ADP1073’s FB pin by resistors R1 and R2. When the voltage at
pin FB falls below 212 mV, the internal power switch turns
“on” again and the cycle repeats. The output voltage is set by
the formula:
VOUT = 212 mV × 1+
R1
R2


The output voltage should be limited to 6.2 V or less when
using the ADP1073 in step-down mode.
If the input voltage to the ADP1073 varies over a wide range, a
current limiting resistor at Pin 1 may be required. If a particular
circuit requires high peak inductor current with minimum input
supply voltage the peak current may exceed the switch maximum
rating and/or saturate the inductor when the supply voltage is at the
maximum value. See the Limiting the Switch Current section of
this data sheet for specific recommendations.
Positive-to-Negative Conversion
The ADP1073 can convert a positive input voltage to a negative
output voltage, as shown in Figure 17. This circuit is essentially
identical to the step-down application of Figure 16, except that
the “output” side of the inductor is connected to power ground.
When the ADP1073’s internal power switch turns off, current
flowing in the inductor forces the output (–VOUT) to a negative
ILIM
VIN
SW1
FB
SW2
GND
ADP1073
L1
D1
1N5818
VOUT
C2
R3
R2
R1
VIN
C1
Figure 17. A Positive-to-Negative Converter
potential. The ADP1073 will continue to turn the switch on
until its FB pin is 212 mV above its GND pin, so the output
voltage is determined by the formula:


Podobny numer części - ADP1073AR-33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
More results

Podobny opis - ADP1073AR-33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109 AD-ADP1109 Datasheet
131Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com