Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D-NXT-1W Arkusz danych(PDF) 1 Page - Microdc power Technology Co., Ltd

Numer części D-NXT-1W
Szczegółowy opis  1W,FIXEDINPUT, ISOLATED & UNREGULATEDTWIN OUTPUT ULTRAMINIATURESMD PACKAGE DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICRODC [Microdc power Technology Co., Ltd]
Strona internetowa  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D-NXT-1W Arkusz danych(HTML) 1 Page - Microdc power Technology Co., Ltd

  D-NXT-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd D-NXT-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd D-NXT-1W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D-
D-
D-
D-
D-
D-
D-
D-N
N
N
N
N
N
N
NXT-1W
XT-1W
XT-1W
XT-1W
XT-1W
XT-1W
XT-1W
XT-1W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
Part
Number
Input
Output
Efficiency
(%,Typ)
Voltage(VDC)
Voltage
(VDC)
Current(MA)
Nominal
Range
Max
Min.
D050505NXT-1W
5
4.5-5.5
5/5
100/100
10/10
70
D050909NXT-1W
5
4.5-5.5
9/9
56/56
6/6
75
D051212NXT-1W
5
4.5-5.5
12/12
42/42
4/4
79
D051515NXT-1W
5
4.5-5.5
15/15
33/33
3/3
80
D120505NXT-1W
12
10.8-13.2
5/5
100/100
10/10
72
D120909NXT-1W
12
10.8-13.2
9/9
56/56
6/6
75
D121212NXT-1W
12
10.8-13.2
12/12
42/42
4/4
78
D121515NXT-1W
12
10.8-13.2
15/15
33/33
3/3
80
Note: The D_NXT-W2/W5 series also are available in our company.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
D
D
D
D
D
D
D
D
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
N
N
N
N
N
N
N
N
X
X
X
X
X
X
X
X
T
T
T
T
T
T
T
T
--------1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③The 1st Output Voltage ④The 2nd Output Voltage
⑤No Pin
⑥Fixed Input
⑦SMD Package
⑧Rated Power
1W,FIXED
1W,FIXED
1W,FIXED
1W,FIXED INPUT,
INPUT,
INPUT,
INPUT, ISOLATED
ISOLATED
ISOLATED
ISOLATED &
&
&
& UNREGULATED
UNREGULATED
UNREGULATED
UNREGULATED TWIN
TWIN
TWIN
TWIN OUTPUT
OUTPUT
OUTPUT
OUTPUT ULTRAMINIATURE
ULTRAMINIATURE
ULTRAMINIATURE
ULTRAMINIATURE SMD
SMD
SMD
SMD PACKAGE
PACKAGE
PACKAGE
PACKAGE DC-DC
DC-DC
DC-DC
DC-DC CONVERTER
CONVERTER
CONVERTER
CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Efficiency up to 80%
Twin Independent Output
Small Footprint
SMD Package Styles
Industry Standard Pinout
No Heatsink Required
1kVDC Isolation
High Power Density
Temperature Range: -40℃~ +85℃
No External Component Required
Internal SMD construction
RoHS Compliance
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
The
D_NXT-1W
series
are
specially
designed
for
applications where a group of polar power supplies are
isolated from the input power supply in a distributed power
supply system on a circuit board. These products apply to:
1)Where the voltage of the input power supply is fixed
(voltage variation≤±10%);
2) Where isolation is necessary between input and
output (isolation voltage ≤±1000VDC);
3) Where
the regulation of
the
output voltage and
the output ripple and noise are not demanding.
Such as:purely digital circuits , ordinary low frequency
analog circuits and IGBT power device driven circuits,
etc.
MICRODC reserves the copyright
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Isolation voltage(Vin/Vout)
Tested for 1 minute and 1mA max
1000
VDC
Isolation voltage(Vo1/Vo2)
Tested for 1 minute and 1mA max
1000
VDC
Isolation resistance(Vin/Vout)
Test at 500VDC
1000
MΩ
Isolation resistance(Vo1/Vo2)
Test at 500VDC
1000
MΩ
Isolation capacitance(Vin/Vout)
60
pF
Isolation capacitance(Vo1/Vo2)
60
pF
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
25
Lead temperature
1.5mm from case for 10 seconds
15
300
Short circuit protection*
1
S
Cooling
Free air convection
package material
Epoxy Resin (UL94-V0)
MTBF
3500
K
Weight
2.1
g
*Supply voltage must be discontinued at the end of short circuit duration.


Podobny numer części - D-NXT-1W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdc power Technolog...
D-NXT-2W MICRODC-D-NXT-2W Datasheet
706Kb / 4P
   2W, FIXED INPUT, ISOLATED & UNREGULATEDTWINOUTPUTULTRAMINIATURESMD PACKAGE DC-DCCONVERTER
More results

Podobny opis - D-NXT-1W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdc power Technolog...
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
NTE-X MICRODC-NTE-X Datasheet
972Kb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMD DC-DCCONVERTER
logo
Bothhand USA, LP.
SM1L-LF-SERIES BOTHHAND-SM1L-LF-SERIES Datasheet
187Kb / 2P
   1W Isolated DC/DC Converter
ST1-LF-SERIES BOTHHAND-ST1-LF-SERIES Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
B1LF BOTHHAND-B1LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
ST1L-LF-SERIES BOTHHAND-ST1L-LF-SERIES Datasheet
179Kb / 2P
   1W Isolated DC/DC Converter
SM1-LF-SERIES BOTHHAND-SM1-LF-SERIES Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
B1-LF-SERIES BOTHHAND-B1-LF-SERIES Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
logo
GAPTEC Electronic GmbH ...
1S7AE GAPTEC-1S7AE Datasheet
625Kb / 3P
   1W - Dual separate Output DC-DC Converter - Isolated & Unregulated
logo
Bothhand USA, LP.
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com