Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3203JRU-085-RL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADP3203JRU-085-RL
Szczegółowy opis  2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3203JRU-085-RL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADP3203JRU-085-RL Datasheet HTML 4Page - Analog Devices ADP3203JRU-085-RL Datasheet HTML 5Page - Analog Devices ADP3203JRU-085-RL Datasheet HTML 6Page - Analog Devices ADP3203JRU-085-RL Datasheet HTML 7Page - Analog Devices ADP3203JRU-085-RL Datasheet HTML 8Page - Analog Devices ADP3203JRU-085-RL Datasheet HTML 9Page - Analog Devices ADP3203JRU-085-RL Datasheet HTML 10Page - Analog Devices ADP3203JRU-085-RL Datasheet HTML 11Page - Analog Devices ADP3203JRU-085-RL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADP3203
REV. PrD
–11–
PRELIMINARY TECHNICAL DATA
near the MOSFETs will help. Even just small airflow
can help tremendously. Paralleled MOSFETs to achieve
a given resistance will help spread the heat.
6. An external "antiparallel" schottky diode (across the
bottom MOSFET) may help efficiency a small amount
(< ~1 %) depending on its forward voltage drop com-
pared to the MOSFET's body diode at a given current; a
MOSFET with a built in antiparallel schottky is more
effective. For an external schottky, it should be placed
next to the bottom MOSFET or it may not be effective
at all.
7. The VCC bypass capacitor should be close to the VCC
pin and connected on either a very short trace to the
GND pin or to the GND plane.
Output Filter
Output Inductor and Capacitors, Current Sense Resistor
8. Locate the current sense resistors very near to the output
voltage plane.
9. The load-side heads of two sense resistors should join as
closely as possible for accurate current signal measure-
ment of each phase.
10. PCB trace resistances from the current sense resistors to
the regulation point should be minimized, known
(calculated or measured), and compensated for as part
of the design if it is significant. (Remote sensing is not
sufficient for relieving this requirement!) A square
section of 1-ounce copper trace has a resistance of
~500 m
Ω and this adds to the specified DC output
resistance of the power converter. The output capaci-
tors should similarly be close to the regulation point and
well tied into power planes as impedance here will add
to the "AC output resistance" (i.e., the ESR) that is
implicitly specified as well.
11. Whenever high currents must be routed between PCB
layers, vias should be used liberally to create parallel
current paths so that the resistance and inductance is
minimized and the via current rating is not exceeded.
Control Circuitry
ADP3203, Control Components
12. If the ADP3203 cannot be placed as previously recom-
mended, at the least care should be taken to keep the
device and surrounding components away from radia-
tion sources (e.g., from power inductors) and capacitive
coupling from noisy power nodes.
13. Noise immunity can be improved by the use of a
devoted signal ground plane for the power controller
and its surrounding components. Space for a ground
plane might readily be available on a signal plane of the
PCB since it is often unused in the vicinity of the power
controller.
14. If critical signal lines (i.e., signals from the current sense
resistor leading back to the ADP3203) must cross
through power circuitry, it is best if a signal ground
plane can be interposed between those signal lines and
the traces of the power circuitry. This serves as a shield
to minimize noise injection into the signals.
15. Absolutely avoid crossing any signal lines over the
switching power path loop, described previously.
16. Accurate voltage positioning depends on accurate
current sensing, so the control signals which monitor the
voltage differentially across the current sense resistor
should be kelvin connected. Please refer to ADI Evalua-
tion Board of the ADP3203 and its documentation for
control signal connection with sense resistors.
17. The RC filter used for the current sense signal should be
located near the control components as this serves the
dual purpose of filtering out the effect of the current
sense resistors' parasitic inductance and noise picked up
along the routing of the signal. The former purpose is
achieved by having the time constant of the RC filters
approximately matched to that of the sense resistors and
is important for maintaining the accuracy of the current
signal.
TABLE 1. VID CODE
VID4
VID3
VID2
VID1
VID0
VOUT
0
0
0
0
0
1.750
0
0
0
0
1
1.700
0
0
0
1
0
1.650
0
0
0
1
1
1.600
0
0
1
0
0
1.550
0
0
1
0
1
1.500
0
0
1
1
0
1.450
0
0
1
1
1
1.400
0
1
0
0
0
1.350
0
1
0
0
1
1.300
0
1
0
1
0
1.250
0
1
0
1
1
1.200
0
1
1
0
0
1.150
0
1
1
0
1
1.100
0
1
1
1
0
1.050
0
1
1
1
1
1.00
1
0
0
0
0
0.975
1
0
0
0
1
0.950
1
0
0
1
0
0.925
1
0
0
1
1
0.900
1
0
1
0
0
0.875
1
0
1
0
1
0.850
1
0
1
1
0
0.825
1
0
1
1
1
0.800
1
1
0
0
0
0.775
1
1
0
0
1
0.750
1
1
0
1
0
0.725
1
1
0
1
1
0.700
1
1
1
0
0
0.675
1
1
1
0
1
0.650
1
1
1
1
0
0.625
1
1
1
1
1
0.600


Podobny numer części - ADP3203JRU-085-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP320 AD-ADP320 Datasheet
716Kb / 20P
   Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
REV. 0
ADP3204 AD-ADP3204 Datasheet
1Mb / 16P
   3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs
REV. 0
ADP3204JCP AD-ADP3204JCP Datasheet
1Mb / 16P
   3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs
REV. 0
ADP3204JCP-REEL AD-ADP3204JCP-REEL Datasheet
1Mb / 16P
   3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs
REV. 0
ADP3204JCP-REEL7 AD-ADP3204JCP-REEL7 Datasheet
1Mb / 16P
   3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs
REV. 0
More results

Podobny opis - ADP3203JRU-085-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3204 AD-ADP3204 Datasheet
1Mb / 16P
   3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs
REV. 0
ADP3422 AD-ADP3422 Datasheet
174Kb / 16P
   IMVP-II-Compliant Core Power Controller for Mobile CPUs
REV. 0
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
   Multiphase IMVP-IV Core Controller for Mobile CPUs
REV. 0
logo
Intersil Corporation
ISL6261 INTERSIL-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6261A RENESAS-ISL6261A Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
logo
Intersil Corporation
ISL6261A INTERSIL-ISL6261A Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Renesas Technology Corp
ISL6261 RENESAS-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com