Zakładka z wyszukiwarką danych komponentów |
|
7446424003 Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
7446424003 Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
1 / 1 page Bezeichnung : description : Gehäuse / case: XV a 32,5 max mm b 21,5 max mm c 35,5 max mm d 12,5 ± 0,2 mm e 17,5 ± 0,2 mm f 5,0 ± 0,5 mm ø 0,8 x 0,8 typ mm Eigenschaften / properties Wert / value Einheit / unit tol. Leerlauf-Induktivität / inductance DC-Widerstand / DC-resistance Nennstrom / nominal current Nennspannung / nominal voltage 33% +25°C 1500 V,50 Hz HasA Version 4 12-08-07 MST Version 3 05-11-22 MST Version 2 04-01-18 MST Version 1 04-10-11 Name Änderung / modification Datum / date not exceed 125°C under worst case operating conditions. Freigabe erteilt / general release: Kunde / customer Würth Elektronik .................................................................................. V Ω F Werkstoffe & Zulassungen / material & approvals: G Eigenschaften / general specifications: D Prüfgeräte / test equipment: E Testbedingungen / test conditions: Prüfspannung / testing voltage Umgebungstemperatur / temperature: http://www.we-online.com Datum / date .................................................................................. Unterschrift / signature Kontrolliert / approved Würth Elektronik eiSos GmbH & Co. KG D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Geprüft / checked .................................................................................. ............................................................... Spezifikation für Freigabe / specification for release DATUM / DATE : 2012-07-08 max. A Testbedingungen / test conditions 4.0 0.065 ±30% It is recommended that the temperature of the part does Gehäuse / case: Draht / wire: UL94V-0 Klimabeständigkeit/ climatic class: 40/125/21 Verguß / molding: Betriebstemp. / operating temperature: -40°C - + 125°C Übertemperatur / temperature rise: < 55 K UL94V-0 P155 IEC317-20 LO 3.3 250 HP 34401 A für/for IN und/and RDC FLUKE PM 6306 für/for L0/LN UN Kunde / customer : STROMKOMPENSIERTE DROSSEL WE-LF CURRENT-COMPENSATED CHOKE WE-LF Artikelnummer / part number : 7446424003 IN Luftfeuchtigkeit / humidity: A Mechanische Abmessungen / dimensions: 10 kHz / 50 mV / 25°C C Lötpad / soldering spec.: B Elektrische Eigenschaften / electrical properties: 50 Hz mH RDC This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. f Ø LF 1 2 N1 3 4 N2 1 4 2 3 SEITE 1 VON 1 |
Podobny numer części - 7446424003 |
|
Podobny opis - 7446424003 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |