Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADR381ART-REEL Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADR381ART-REEL
Szczegółowy opis  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADR381ART-REEL Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADR381ART-REEL Datasheet HTML 3Page - Analog Devices ADR381ART-REEL Datasheet HTML 4Page - Analog Devices ADR381ART-REEL Datasheet HTML 5Page - Analog Devices ADR381ART-REEL Datasheet HTML 6Page - Analog Devices ADR381ART-REEL Datasheet HTML 7Page - Analog Devices ADR381ART-REEL Datasheet HTML 8Page - Analog Devices ADR381ART-REEL Datasheet HTML 9Page - Analog Devices ADR381ART-REEL Datasheet HTML 10Page - Analog Devices ADR381ART-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. A
ADR380/ADR381
–7–
VIN = 2.5V TO 15V
TEMPERATURE ( C)
–40
–15
10
35
60
85
0
1
2
4
5
3
TPC 9. ADR380 Line Regulation vs. Temperature
VIN = 2.8V TO 15V
TEMPERATURE ( C)
–40
–15
10
35
60
85
0
1
2
4
5
3
TPC 10. ADR381 Line Regulation vs. Temperature
–40 C
LOAD CURRENT (mA)
01
2
3
4
5
0
0.2
0.4
0.6
0.8
+85 C
+25 C
TPC 11. ADR380 Minimum Input/Output
Voltage Differential vs. Load Current
–40 C
LOAD CURRENT (mA)
01
2
345
0
0.2
0.4
0.6
0.8
+85 C
+25 C
TPC 12. ADR381 Minimum Input/Output Voltage
Differential vs. Load Current
VOUT DEVIATION (ppm)
–260
0
10
20
30
40
50
60
–200 –140 –80 –20
40
100 160 220
340 400
280
TEMPERATURE +25 C
–40 C
85 C
+25 C
TPC 13. ADR381 VOUT Hysteresis
TIME (1s/DIV)
2 V/DIV
TPC 14. ADR381 Typical Noise Voltage 0.1 Hz to 10 Hz


Podobny numer części - ADR381ART-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ARTZ-R2 AD-ADR381ARTZ-R2 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ARTZ-R2 AD-ADR381ARTZ-R2 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ARTZ-REEL7 AD-ADR381ARTZ-REEL7 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ARTZ-REEL7 AD-ADR381ARTZ-REEL7 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
More results

Podobny opis - ADR381ART-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
   PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com