Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADR290GRU-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADR290GRU-REEL7
Szczegółowy opis  Low Noise Micropower Precision Voltage References
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADR290GRU-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices

  ADR290GRU-REEL7 Datasheet HTML 1Page - Analog Devices ADR290GRU-REEL7 Datasheet HTML 2Page - Analog Devices ADR290GRU-REEL7 Datasheet HTML 3Page - Analog Devices ADR290GRU-REEL7 Datasheet HTML 4Page - Analog Devices ADR290GRU-REEL7 Datasheet HTML 5Page - Analog Devices ADR290GRU-REEL7 Datasheet HTML 6Page - Analog Devices ADR290GRU-REEL7 Datasheet HTML 7Page - Analog Devices ADR290GRU-REEL7 Datasheet HTML 8Page - Analog Devices ADR290GRU-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ADR290/ADR291/ADR292
REV. B
–5–
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Output Short-Circuit Duration to GND . . . . . . . . . . Indefinite
Storage Temperature Range
SO, RU Package . . . . . . . . . . . . . . . . . . .
65
°C to 150°C
Operating Temperature Range
ADR290/ADR291/ADR292 . . . . . . . . . . .
40
°C to 125°C
Junction Temperature Range
SO, RU Package . . . . . . . . . . . . . . . . . . .
65
°C to 125°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . 300
°C
NOTES
1. Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating only; functional
operation at or above this specification is not implied. Exposure to the
above maximum rating conditions for extended periods may affect device
reliability.
2. Remove power before inserting or removing units from their sockets.
Package Type
JA*
JC
Unit
8-Lead SOIC (SO)
158
43
°C/W
8-Lead TSSOP (RU)
240
43
°C/W
*
θ
JA is specified for worst-case conditions, i.e.,
θ
JA is specified for device in socket
testing. In practice,
θ
JA is specified for a device soldered in the circuit board.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADR290/ADR291/ADR292 features proprietary ESD protection circuitry, perma-
nent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore,
proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Number of
Output
Initial
Coefficient
Package
Package
Parts per
Model
Voltage
Accuracy (%)
Max (ppm/ C)
Description
Option
Package
ADR290
ER, ER-REEL7, ER-REEL
2.048
0.10
8
SOIC
SO-8
98, 1000, 2500
FR, FR-REEL7, FR-REEL
2.048
0.15
15
SOIC
SO-8
98, 1000, 2500
GR, GR-REEL7, GR-REEL
2.048
0.29
25
SOIC
SO-8
98, 1000, 2500
GRU-REEL7, GRU-REEL
2.048
0.29
25
TSSOP
RU-8
1000, 2500
ADR291
ER, ER-REEL7, ER-REEL
2.50
0.08
8
SOIC
SO-8
98, 1000, 2500
FR, FR-REEL7, FR-REEL
2.50
0.12
15
SOIC
SO-8
98, 1000, 2500
GR, GR-REEL7, GR-REEL
2.50
0.24
25
SOIC
SO-8
98, 1000, 2500
GRU-REEL7, GRU-REEL
2.50
0.24
25
TSSOP
RU-8
1000, 2500
ADR292
ER, ER-REEL7, ER-REEL
4.096
0.07
8
SOIC
SO-8
98, 1000, 2500
FR, FR-REEL7, FR-REEL
4.096
0.10
15
SOIC
SO-8
98, 1000, 2500
GR, GR-REEL7, GR-REEL
4.096
0.15
25
SOIC
SO-8
98, 1000, 2500
GRU-REEL7, GRU-REEL
4.096
0.15
25
TSSOP
RU-8
1000, 2500
See ADR293 data sheet for ordering guide.
OTHER XFET PRODUCTS
Part
Nominal Output
Package
Number
Voltage (V)
Type
ADR420
2.048
8-Lead_
µSOIC/SOIC
ADR421
2.50
8-Lead_
µSOIC/SOIC


Podobny numer części - ADR290GRU-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR291 AD-ADR291 Datasheet
993Kb / 32P
   Ultralow Noise, High Accuracy
REV. 0
ADR291 AD-ADR291 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291 AD-ADR291 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291 AD-ADR291 Datasheet
3Mb / 21P
   Precision, Micropower, High Current Output Voltage Reference
Rev. 0
ADR291 AD-ADR291 Datasheet
3Mb / 26P
   Precision, Micropower, High Current Output Voltage References
Rev. A
More results

Podobny opis - ADR290GRU-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR392ART-REEL AD-ADR392ART-REEL Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
ADR391 AD-ADR391 Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com