Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADR293FR-REEL7 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADR293FR-REEL7
Szczegółowy opis  Low Noise Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADR293FR-REEL7 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADR293FR-REEL7 Datasheet HTML 3Page - Analog Devices ADR293FR-REEL7 Datasheet HTML 4Page - Analog Devices ADR293FR-REEL7 Datasheet HTML 5Page - Analog Devices ADR293FR-REEL7 Datasheet HTML 6Page - Analog Devices ADR293FR-REEL7 Datasheet HTML 7Page - Analog Devices ADR293FR-REEL7 Datasheet HTML 8Page - Analog Devices ADR293FR-REEL7 Datasheet HTML 9Page - Analog Devices ADR293FR-REEL7 Datasheet HTML 10Page - Analog Devices ADR293FR-REEL7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ADR293
REV. 0
–11–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Narrow Body SO
(R-8)
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.1574 (4.00)
0.1497 (3.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.102 (2.59)
0.094 (2.39)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
8-Lead TSSOP
(RU-8)
8
5
4
1
0.122 (3.10)
0.114 (2.90)
PIN 1
0.0256 (0.65)
BSC
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0
3-Lead TO-92
(T9 Suffix)
0.105 (2.66)
0.080 (2.42)
0.105 (2.66)
0.080 (2.42)
0.165 (4.19)
0.125 (3.94)
SQUARE
0.019 (0.482)
0.016 (0.407)
0.105 (2.66)
0.095 (2.42)
0.055 (1.39)
0.045 (1.15)
SEATING
PLANE
0.500
(12.70)
MIN
0.205 (5.20)
0.175 (4.96)
0.210 (5.33)
0.170 (4.38)
12
3
BOTTOM VIEW
0.135
(3.43)
MIN
0.050
(1.27)
MAX


Podobny numer części - ADR293FR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR293 AD-ADR293 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
ADR293 AD-ADR293 Datasheet
993Kb / 32P
   Ultralow Noise, High Accuracy
REV. 0
ADR293 AD-ADR293 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293ERZ AD-ADR293ERZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
More results

Podobny opis - ADR293FR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR293ERZ AD-ADR293ERZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com