Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADR423BR-REEL7 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADR423BR-REEL7
Szczegółowy opis  Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADR423BR-REEL7 Arkusz danych(HTML) 3 Page - Analog Devices

  ADR423BR-REEL7 Datasheet HTML 1Page - Analog Devices ADR423BR-REEL7 Datasheet HTML 2Page - Analog Devices ADR423BR-REEL7 Datasheet HTML 3Page - Analog Devices ADR423BR-REEL7 Datasheet HTML 4Page - Analog Devices ADR423BR-REEL7 Datasheet HTML 5Page - Analog Devices ADR423BR-REEL7 Datasheet HTML 6Page - Analog Devices ADR423BR-REEL7 Datasheet HTML 7Page - Analog Devices ADR423BR-REEL7 Datasheet HTML 8Page - Analog Devices ADR423BR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. B
–3–
ADR420/ADR421/ADR423/ADR425
ADR423 ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
A Grade
VO
2.996
3.000
3.004
V
Initial Accuracy
VOERR
–4
+4
mV
–0.13
+0.13
%
Output Voltage
B Grade
VO
2.9985
3.000
3.0015
V
Initial Accuracy
VOERR
–1.5
+1.5
mV
–0.04
+0.04
%
Temperature Coefficient A Grade
TCVO
–40
°C < TA < +125°C
2
10
ppm/
°C
B Grade
1
3
ppm/
°C
Supply Voltage Headroom
VIN
− VO
2V
Line Regulation
∆VO/∆VIN
VIN = 5 V to 18 V
10
35
ppm/V
–40
°C < T
A < +125
°C
Load Regulation
∆VO/∆ILOAD
ILOAD = 0 mA to 10 mA
70
ppm/mA
–40
°C < TA < +125°C
Quiescent Current
IIN
No Load
390
500
µA
–40
°C < TA < +125°C
600
µA
Voltage Noise
eN p-p
0.1 Hz to 10 Hz
2
µV p-p
Voltage Noise Density
eN
1 kHz
90
nV/
√Hz
Turn-On Settling Time
tR
10
µs
Long-Term Stability
∆VO
1,000 Hours
50
ppm
Output Voltage Hysteresis
VO_HYS
40
ppm
Ripple Rejection Ratio
RRR
fIN = 10 kHz
75
dB
Short Circuit to GND
ISC
27
mA
Specifications subject to change without notice.
ADR425 ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
A Grade
VO
4.994
5.000
5.006
V
Initial Accuracy
VOERR
–6
+6
mV
–0.12
+0.12
%
Output Voltage
B Grade
VO
4.998
5.000
5.002
V
Initial Accuracy
VOERR
–2
+2
mV
–0.04
+0.04
%
Temperature Coefficient A Grade
TCVO
–40
°C < TA < +125°C
2
10
ppm/
°C
B Grade
1
3
ppm/
°C
Supply Voltage Headroom
VIN – VO
2V
Line Regulation
∆VO/∆VIN
VIN = 7 V to 18 V
10
35
ppm/V
–40
°C < TA < +125°C
Load Regulation
∆V
O/
∆I
LOAD
ILOAD = 0 mA to 10 mA
70
ppm/mA
–40
°C < TA < +125°C
Quiescent Current
IIN
No Load
390
500
µA
–40
°C < T
A < +125
°C
600
µA
Voltage Noise
eN p-p
0.1 Hz to 10 Hz
3.4
µV p-p
Voltage Noise Density
eN
1 kHz
110
nV/
√Hz
Turn-On Settling Time
tR
10
µs
Long-Term Stability
∆VO
1,000 Hours
50
ppm
Output Voltage Hysteresis
VO_HYS
40
ppm
Ripple Rejection Ratio
RRR
fIN = 10 kHz
75
dB
Short Circuit to GND
ISC
27
mA
Specifications subject to change without notice.
(@ VIN = 5.0 V to 15.0 V, TA = 25 C, unless otherwise noted.)
(@ VIN = 7.0 V to 15.0 V, TA = 25 C, unless otherwise noted.)


Podobny numer części - ADR423BR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR423BRZ AD-ADR423BRZ Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR423BRZ-REEL7 AD-ADR423BRZ-REEL7 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
More results

Podobny opis - ADR423BR-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR421 AD-ADR421_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR425 AD-ADR425_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com