Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2183KST-160 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADSP-2183KST-160
Szczegółowy opis  DSP Microcomputer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2183KST-160 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADSP-2183KST-160 Datasheet HTML 2Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 3Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 4Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 5Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 6Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 7Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 8Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 9Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ADSP-2183
–6–
REV. C
When the IDLE (n) instruction is used, it effectively slows down
the processor’s internal clock, and thus its response time, to
incoming interrupts. The one-cycle response time of the stan-
dard idle state is increased by n, the clock divisor. When an
enabled interrupt is received, the ADSP-2183 will remain in the
idle state for up to a maximum of n processor cycles (n = 16, 32,
64 or 128) before resuming normal operation.
When the IDLE (n) instruction is used in systems with an exter-
nally generated serial clock (SCLK), the serial clock rate may be
faster than the processor’s reduced internal clock rate. Under
these conditions, interrupts must not be generated at a faster
rate than can be serviced, due to the additional time the processor
takes to come out of the idle state (a maximum of n processor
cycles).
SYSTEM INTERFACE
Figure 2 shows a typical basic system configuration with the
ADSP-2183, two serial devices, a byte-wide EPROM and
optional external program and data overlay memories. Program-
mable wait state generation allows the processor to connect
easily to slow peripheral devices. The ADSP-2183 also provides
four external interrupts and two serial ports or six external inter-
rupts and one serial port.
1/2x CLOCK
OR
CRYSTAL
SERIAL
DEVICE
SERIAL
DEVICE
16
A0-A21
DATA
CS
BYTE
MEMORY
I/O
SPACE
(PERIPHERALS)
CS
DATA
ADDR
DATA
ADDR
2048 LOCATIONS
OVERLAY
MEMORY
TWO 8K
PM SEGMENTS
TWO 8K
DM SEGMENTS
D23-0
A13-0
D23-8
A10-0
D15-8
D23-16
A13-0
14
24
SPORT1
SCLK0
RFS0
TFS0
DT0
DR0
SPORT0
IRD
IWR
IS
IAL
IACK
IAD15-0
IDMA PORT
FL0-2
PF0-7
CLKIN
XTAL
ADDR13-0
DATA23-0
BMS
IOMS
PMS
DMS
CMS
BR
BG
BGH
PWD
PWDACK
ADSP-2183
RD
WR
IRQ2
IRQE
IRQL0
IRQL1
SCLK1
RFS1 OR
IRQ0
TFS1 OR
IRQ1
DT1 OR FO
DR1 OR FI
SYSTEM
INTERFACE
OR
CONTROLLER
Figure 2. ADSP-2183 Basic System Configuration
Clock Signals
The ADSP-2183 can be clocked by either a crystal or a TTL-
compatible clock signal.
The CLKIN input cannot be halted, changed during operation
or operated below the specified frequency during normal opera-
tion. The only exception is while the processor is in the power-
down state. For additional information, refer to Chapter 9,
ADSP-2100 Family User’s Manual, Third Edition, for detailed
information on this power-down feature.
If an external clock is used, it should be a TTL-compatible
signal running at half the instruction rate. The signal is con-
nected to the processor’s CLKIN input. When an external clock
is used, the XTAL input must be left unconnected.
The ADSP-2183 uses an input clock with a frequency equal to
half the instruction rate; a 16.67 MHz input clock yields a 30 ns
processor cycle (which is equivalent to 33 MHz). Normally,
instructions are executed in a single processor cycle. All device
timing is relative to the internal instruction clock rate, which is
indicated by the CLKOUT signal when enabled.
Because the ADSP-2183 includes an on-chip oscillator circuit,
an external crystal may be used. The crystal should be connected
across the CLKIN and XTAL pins, with two capacitors connected
as shown in Figure 3. Capacitor values are dependent on crystal
type and should be specified by the crystal manufacturer. A
parallel-resonant, fundamental frequency, microprocessor-grade
crystal should be used.
A clock output (CLKOUT) signal is generated by the processor
at the processor’s cycle rate. This can be enabled and disabled
by the CLKODIS bit in the SPORT0 Autobuffer Control
Register.
CLKIN
CLKOUT
XTAL
DSP
Figure 3. External Crystal Connections
Reset
The
RESET signal initiates a master reset of the ADSP-2183.
The
RESET signal must be asserted during the power-up se-
quence to assure proper initialization.
RESET during initial
power-up must be held long enough to allow the internal clock
to stabilize. If
RESET is activated any time after power-up, the
clock continues to run and does not require stabilization time.
The power-up sequence is defined as the total time required for
the crystal oscillator circuit to stabilize after a valid VDD is ap-
plied to the processor, and for the internal phase-locked loop
(PLL) to lock onto the specific crystal frequency. A minimum of
2000 CLKIN cycles ensures that the PLL has locked, but does
not include the crystal oscillator start-up time. During this
power-up sequence the
RESET signal should be held low. On
any subsequent resets, the
RESET signal must meet the mini-
mum pulsewidth specification, tRSP.
The
RESET input contains some hysteresis; however, if you use
an RC circuit to generate your
RESET signal, the use of an
external Schmidt trigger is recommended.
The master reset sets all internal stack pointers to the empty
stack condition, masks all interrupts and clears the MSTAT
register. When
RESET is released, if there is no pending bus
request and the chip is configured for booting (MMAP = 0), the
boot-loading sequence is performed. The first instruction is
fetched from on-chip program memory location 0x0000 once
boot loading completes.


Podobny numer części - ADSP-2183KST-160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2183KST-160 AD-ADSP-2183KST-160 Datasheet
231Kb / 31P
   DSP Microcomputer
REV. C
More results

Podobny opis - ADSP-2183KST-160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com