Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2191MKCA-160 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADSP-2191MKCA-160
Szczegółowy opis  DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191MKCA-160 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADSP-2191MKCA-160 Datasheet HTML 4Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 5Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 6Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 7Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 8Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 9Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 10Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 11Page - Analog Devices ADSP-2191MKCA-160 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
ADSP-2191M
–8–
REV. 0
All DMA transfers use the DMA bus shown in the functional
block diagram on page 1. Because all of the peripherals use the
same bus, arbitration for DMA bus access is needed. The arbi-
tration for DMA bus access appears in Table 4.
Host Port
The ADSP-2191M’s Host port functions as a slave on the
external bus of an external Host. The Host port interface lets a
Host read from or write to the DSP’s memory space, boot space,
or internal I/O space. Examples of Hosts include external micro-
controllers, microprocessors, or ASICs.
The Host port is a multiplexed address and data bus that provides
both an 8-bit and a 16-bit data path and operates using an asyn-
chronous transmission protocol. Through this port, an off-chip
Host can directly access the DSP’s entire memory space map,
boot memory space, and internal I/O space. To access the DSP’s
internal memory space, a Host steals one cycle per access from
the DSP. A Host access to the DSP’s external memory uses the
external port interface and does not stall (or steal cycles from)
the DSP’s core. Because a Host can access internal I/O memory
space, a Host can control any of the DSP’s I/O mapped
peripherals.
The Host port is most efficient when using the DSP as a slave
and uses DMA to automate the incrementing of addresses for
these accesses. In this case, an address does not have to be trans-
ferred from the Host for every data transfer.
Host Port Acknowledge (HACK) Modes
The Host port supports a number of modes (or protocols) for
generating a HACK output for the host. The host selects ACK
or Ready Modes using the HACK_P and HACK pins. The Host
port also supports two modes for address control: Address Latch
Enable (ALE) and Address Cycle Control (ACC) modes. The
DSP auto-detects ALE versus ACC Mode from the HALE and
HWR inputs.
The Host port HACK signal polarity is selected (only at reset) as
active high or active low, depending on the value driven on the
HACK_P pin.The HACK polarity is stored into the Host port
configuration register as a read only bit.
The DSP uses HACK to indicate to the Host when to complete
an access. For a read transaction, a Host can proceed and
complete an access when valid data is present in the read buffer
and the Host port is not busy doing a write. For a write transac-
tions, a Host can complete an access when the write buffer is not
full and the Host port is not busy doing a write.
Two mode bits in the Host Port configuration register HPCR
[7:6] define the functionality of the HACK line. HPCR6 is ini-
tialized at reset based on the values driven on HACK and
HACK_P pins (shown in Table 5); HPCR7 is always cleared (0)
at reset. HPCR [7:6] can be modified after reset by a write access
to the Host port configuration register.
The functional modes selected by HPCR [7:6] are as follows
(assuming active high signal):
• ACK Mode—Acknowledge is active on strobes; HACK
goes high from the leading edge of the strobe to indicate
when the access can complete. After the Host samples the
HACK active, it can complete the access by removing the
strobe.The Host port then removes the HACK.
• Ready Mode—Ready active on strobes, goes low to insert
waitstate during the access.If the Host port cannot
complete the access, it deasserts the HACK/READY line.
In this case, the Host has to extend the access by keeping
the strobe asserted. When the Host samples the HACK
asserted, it can then proceed and complete the access by
deasserting the strobe.
While in Address Cycle Control (ACC) mode and the ACK or
Ready acknowledge modes, the HACK is returned active for any
address cycle.
Host Port Chip Selects
There are two chip-select signals associated with the Host port:
HCMS and HCIOMS. The Host Chip Memory Select (HCMS)
lets the Host select the DSP and directly access the DSP’s inter-
nal/external memory space or boot memory space. The Host
Chip I/O Memory Select (
HCIOMS) lets the Host select the DSP
and directly access the DSP’s internal I/O memory space.
Before starting a direct access, the Host configures Host port
interface registers, specifying the width of external data bus
(8- or 16-bit) and the target address page (in the IJPG register).
The DSP generates the needed memory select signals during the
access, based on the target address. The Host port interface
combines the data from one, two, or three consecutive Host
accesses (up to one 24-bit value) into a single DMA bus access
to prefetch Host direct reads or to post direct writes. During
assembly of larger words, the Host port interface asserts ACK for
Table 4. I/O Bus Arbitration Priority
DMA Bus Master
Arbitration Priority
SPORT0 Receive DMA
0—Highest
SPORT1 Receive DMA
1
SPORT2 Receive DMA
2
SPORT0 Transmit DMA
3
SPORT1 Transmit DMA
4
SPORT2 Transmit DMA
5
SPI0 Receive/Transmit DMA
6
SPI1 Receive/Transmit DMA
7
UART Receive DMA
8
UART Transmit DMA
9
Host Port DMA
10
Memory DMA
11—Lowest
Table 5. Host Port Acknowledge Mode Selection
Values Driven At
Reset
HPCR [7:6]
Initial Values
Acknowledge
Mode
HACK_P
HACK
Bit 7
Bit 6
0
0
0
1
Ready Mode
01
0
0
ACK Mode
10
0
0
ACK Mode
1
1
0
1
Ready Mode


Podobny numer części - ADSP-2191MKCA-160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2191MKCA-160 AD-ADSP-2191MKCA-160 Datasheet
728Kb / 52P
   DSP Microcomputer
REV. 0
More results

Podobny opis - ADSP-2191MKCA-160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com