Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-21MSP59 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADSP-21MSP59
Szczegółowy opis  DSP Microcomputers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-21MSP59 Arkusz danych(HTML) 5 Page - Analog Devices

  ADSP-21MSP59 Datasheet HTML 1Page - Analog Devices ADSP-21MSP59 Datasheet HTML 2Page - Analog Devices ADSP-21MSP59 Datasheet HTML 3Page - Analog Devices ADSP-21MSP59 Datasheet HTML 4Page - Analog Devices ADSP-21MSP59 Datasheet HTML 5Page - Analog Devices ADSP-21MSP59 Datasheet HTML 6Page - Analog Devices ADSP-21MSP59 Datasheet HTML 7Page - Analog Devices ADSP-21MSP59 Datasheet HTML 8Page - Analog Devices ADSP-21MSP59 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ADSP-21msp58/59
REV. 0
–5–
Table II. Interrupt Priority & Interrupt Vector Addresses
Interrupt Vector
Source of Interrupt
Address (Hex)
Reset (or Power-Up with PUCR = 1)
0000 (Highest Priority)
Powerdown (Nonmaskable)
002C
IRQ2
0004
HIP Write
0008
HIP Read
000C
SPORT0 Transmit
0010
SPORT0 Receive
0014
Analog Interface Transmit
0018
Analog Interface Receive
001C
SPORT1 Transmit or (IRQ1)
0020
SPORT1 Receive or (IRQ0)
0024
Timer
0028 (Lowest Priority)
Interrupts can be masked or unmasked with the IMASK regis-
ter. Individual interrupt requests are logically ANDed with the
bits in IMASK; the highest priority unmasked interrupt is then
selected. The powerdown interrupt is non-maskable.
The interrupt control register, ICNTL, allows the external in-
terrupts to be set as either edge- or level-sensitive. Interrupt ser-
vice routines can either be nested (with higher priority interrupts
taking precedence) or be processed sequentially (with only one
interrupt service active at a time).
The interrupt force and clear register, IFC, is a write-only regis-
ter used to force an interrupt or clear a pending edge-sensitive
interrupt.
On-chip stacks preserve the processor status and are automati-
cally maintained during interrupt handling. The stack is twelve
levels deep to allow interrupt nesting.
Register bit values shown in Figure 2 are the default bit values
after reset. If no values are shown, the bits are indeterminate at
reset. Reserved bits are shown in gray; these bits should always
be written with zeros.
00
00000
00000
0000
15 14 13 12 11 10
98765
4
3
21
0
Timer
SPORT1 Receive or IRQ0
SPORT1 Transmit or IRQ1
Analog Receive
Analog Transmit
SPORT0 Receive
SPORT0 Transmit
IRQ2
1 = enable, 0 = disable
INTERRUPT CLEAR
IRQ2
SPORT0 Transmit
SPORT0 Receive
Analog Transmit
Analog Receive
SPORT1 Transmit or IRQ1
SPORT1 Receive or IRQ0
Timer
INTERRUPT FORCE
IFC
0
00000
0000
98765
4
3
21
0
Timer
IRQ0 or SPORT1 Receive
IRQ1 or SPORT1 Transmit
Analog Receive
Analog Transmit
1 = enable, 0 = disable
IRQ2
HIP Write
HIP Read
SPORT0 Transmit
SPORT0 Receive
IMASK
4
3
210
0
ICNTL
IRQ0 Sensitivity
IRQ1 Sensitivity
IRQ2 Sensitivity
Interrupt Nesting
1 = edge
0 = level
1 = enable, 0 = disable
Figure 2. Interrupt Registers
The following instructions allow global enable or disable servic-
ing of the interrupts (including powerdown), regardless of the
state of IMASK. Disabling the interrupts does not affect
autobuffering.
ENA INTS;
DIS INTS;
Interrupt servicing is enabled on processor reset.
System Interface
Figure 3 shows a basic system configuration with the ADSP-
21msp58/59, two serial devices, a host processor, a boot
EPROM, optional external program and data memories, and an
analog interface. Up to 15K words of data memory and 16K
words of program memory can be supported. Programmable
wait state generation allows the processor to interface easily to
slow memories. The ADSP-21msp58/59 also provides one ex-
ternal interrupt and two serial ports or three external interrupts
and one serial port.
Clock Signals
The ADSP-21msp58/59 CLKIN input may be driven by a crys-
tal or by a TTL-compatible external clock signal.
The CLKIN input may not be halted, changed in frequency
during operation, or operated at any frequency other the one
specified. Operating the ADSP-21msp58/59 at any other fre-
quency changes the analog performance, which is not tested or
supported.
If an external clock is used, it should be a TTL-compatible sig-
nal running at half the instruction rate. The signal should be
connected to the processor’s CLKIN input; in this case, the
XTAL input must be left unconnected.
The ADSP-21msp58/59 uses an input clock with a frequency
equal to half the instruction rate; a 13 MHz input clock yields a
38.46 ns processor cycle (which is equivalent to 26 MHz). Nor-
mally, instructions are executed in a single processor cycle.
All device timing is relative to the internal instruction clock rate,
which is indicated by the CLKOUT signal when enabled. The


Podobny numer części - ADSP-21MSP59

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Podobny opis - ADSP-21MSP59

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2163 AD-ADSP-2163_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-216X AD-ADSP-216X Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2166 AD-ADSP-2166_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2164 AD-ADSP-2164_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2162 AD-ADSP-2162_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2165 AD-ADSP-2165_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2161 AD-ADSP-2161_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com