Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-21MSP58BST-104 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADSP-21MSP58BST-104
Szczegółowy opis  DSP Microcomputers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-21MSP58BST-104 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADSP-21MSP58BST-104 Datasheet HTML 3Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 4Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 5Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 6Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 7Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 8Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 9Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 10Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
ADSP-21msp58/59
REV. 0
–7–
The read (RD) signal indicates a read operation and is used as a
read strobe or output enable signal. An external program
memory access should always be qualified with the PMS signal.
The ADSP-21msp58/59 writes data from its 16-bit registers to
24-bit program memory using the PX register to provide the
lower eight bits. When the processor reads data (not instruc-
tions) from 24-bit program memory to a 16-bit data register, the
lower eight bits are placed in the PX register. The program
memory interface can generate zero to seven wait states for ex-
ternal memory devices; the default is seven wait states after
RESET
.
Program Memory Maps
ADSP-21msp58
ADSP-21msp58 Program memory can be mapped in two ways,
depending on the state of the MMAP pin. Figure 5 shows the
two configurations. When MMAP = 0, internal RAM occupies
2K words beginning at address 0x0000; external program
memory uses the remaining 14K words beginning at address
0x0800. In this configuration, the boot loading sequence (de-
scribed in “Boot Memory Interface”) is automatically initiated
when RESET is released.
INTERNAL
RAM
LOADED FROM
EXTERNAL
BOOT
MEMORY
EXTERNAL
EXTERNAL
INTERNAL
RAM
NOT LOADED
0000
07FF
0800
3FFF
0000
37FF
3800
3FFF
MMAP=1
MMAP=0
Figure 5. ADSP-21msp58 Program Memory Maps
When MMAP = 1, 14K words of external program memory be-
gin at address 0x0000 and internal RAM is located in the upper
2K words, beginning at address 0x3800. In this configuration,
the boot loading sequence does not take place; execution begins
immediately after RESET.
ADSP-21msp59
The ADSP-21msp59 is functionally identical to the ADSP-
21msp58. The ADSP-21msp59 includes an additional 4K by
24-bit mask programmable ROM (see Figure 6). The ROM
can be used to hold program instructions or data and can be
accessed twice in one instruction cycle if necessary. The ROM
always resides at locations PM[0x0800] through PM[0x17FF]
regardless of the state of the MMAP pin. Sixteen addresses at
the end of ROM (0x17F0–0x17FF) are reserved for Analog
Devices’ use. The ROM is enabled by setting the ROMENABLE
bit in the Data Memory Wait State control register, DM[0x3FFE].
When the ROMENABLE bit is set to 1, addressing program
memory in this range will access the on-chip ROM. When set
to 0, addressing program memory in this range will access exter-
nal program memory. The ROMENABLE bit is set to 0 on
chip reset.
Data Memory Interface
The data memory address bus (DMA) is 14 bits wide. The bi-
directional external data bus is 24 bits wide, with the upper 16
bits used for data memory data (DMD) transfers.
The data memory select (DMS) signal indicates access to data
memory and can be used as a chip select signal. The write (WR)
signal indicates a write operation and can be used as a write
strobe. The read (RD) signal indicates a read operation and can
be used as a read strobe or output enable signal.
The ADSP-21msp58/59 supports memory-mapped I/O, with
the peripherals memory mapped into the data or program
memory address spaces and accessed by the processor in the
same manner.
Data Memory Map
The on-chip data memory RAM resides in the 2K words begin-
ning at address 0x3000, as shown in Figure 7. In addition, data
memory locations from 0x3800 to the end of data memory at
0x3FFF are reserved. Control registers for the system, timer,
INTERNAL
RAM
LOADED FROM
EXTERNAL
BOOT
MEMORY
EXTERNAL
EXTERNAL
INTERNAL
RAM
NOT LOADED
0000
07FF
0800
3FFF
0000
07FF
0800
3FFF
ROM ENABLE = 1
MMAP = 0
EXTERNAL
EXTERNAL
INTERNAL
RAM
NOT LOADED
0000
37FF
3800
3FFF
0000
37FF
3800
3FFF
INTERNAL
MASK
PROGRAMMED
ROM
17FF
1800
17F0 – 17FF
RESERVED
07FF
0800
17FF
1800
INTERNAL
RAM
LOADED FROM
EXTERNAL
BOOT
MEMORY
INTERNAL
MASK
PROGRAMMED
ROM
17F0 – 17FF
RESERVED
ROM ENABLE = 0
MMAP = 0
ROM ENABLE = 1
MMAP = 1
ROM ENABLE = 0
MMAP = 1
EXTERNAL
Figure 6. ADSP-21msp59 Program Memory Maps


Podobny numer części - ADSP-21MSP58BST-104

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Podobny opis - ADSP-21MSP58BST-104

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2163 AD-ADSP-2163_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-216X AD-ADSP-216X Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2166 AD-ADSP-2166_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2164 AD-ADSP-2164_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2162 AD-ADSP-2162_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2165 AD-ADSP-2165_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2161 AD-ADSP-2161_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com