Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-21MSP58BST-104 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADSP-21MSP58BST-104
Szczegółowy opis  DSP Microcomputers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-21MSP58BST-104 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADSP-21MSP58BST-104 Datasheet HTML 6Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 7Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 8Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 9Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 10Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 11Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 12Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 13Page - Analog Devices ADSP-21MSP58BST-104 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
REV. 0
–10–
ADSP-21msp58/59
A signed ROM Verification Form and a purchase order for pro-
duction units are required prior to any product being manufac-
tured. Prototype units may be applied toward the minimum
order quantity.
Upon completion of prototype manufacture, Analog Devices
will ship prototype units and a delivery schedule update for pro-
duction units. An invoice against your purchase order for the
NRE charges is issued at this time.
There is a charge for each ROM mask generated and a mini-
mum order quantity. Consult your sales representative for de-
tails. A separate order must be placed for parts of a specific
package type, temperature range, and speed grade.
ANALOG INTERFACE
The analog interface contains encoding circuitry (ADC), decod-
ing circuitry (DAC), and processor interface logic. A block dia-
gram of the ADSP-21msp58/59 analog section is shown in
Figure 8.
The analog interface is configured through the Analog Control
Register and the Analog Autobuffer/Powerdown Register (refer
to “ADSP-21msp58/59 Registers”). The Analog Control Regis-
ter DM[0x3FEE] configures the programmable gain stages, the
analog input multiplexer, and the analog interface powerdown
state. Note that the unused bits must be cleared to zero.
16
OUTPUT
DIFFERENTIAL AMP
VINNORM
VINAUX
DECOUPLE
REF_FILTER
VREF
VOUTP
VOUTN
MUX
DAC
PGA
ANALOG
SMOOTHING
FILTER
BUF
VOLTAGE
REFERENCE
ADC
PGA
16-BIT
SIGMA-
DELTA
DAC
16-BIT
SIGMA-
DELTA
ADC
PROCESSOR
INTERFACE
Figure 8. Analog Interface Block Diagram
A/D Conversion
The A/D conversion circuitry of the analog interface consists of
an analog multiplexer, a programmable gain amplifier (ADC
PGA), and a 16-bit sigma-delta analog-to-digital converter
(ADC).
Analog Input Multiplexer and Amplifiers
The analog multiplexer selects either the NORM or AUX input
to the ADC’s sigma-delta modulator. The inputs should be ac
coupled.
The ADC PGA may be used to additionally increase the signal
level by +6 dB, +20 dB, or +26 dB. This gain is selected by bit
9 and bit 0 (IG0, IG1) of the analog control register. Input sig-
nal level to the sigma-delta ADC should not exceed the VINMAX
specification.
Analog-To-Digital Converter
The analog interface’s analog-to-digital converter consists of a
4th-order analog sigma-delta modulator, an anti-aliasing deci-
mation filter, and an optional digital high-pass filter. For a detailed
description of the ADC components, refer to the ADSP-2100
Family User’s Manual, Chapter 8, “Analog Interface.”
Bit 10 of the Analog Control Register (0x3FEE) may be set to
add an offset to the input of the ADC sigma-delta converter.
This offset moves ADC sigma-delta idle tones out of the 4.0
kHz speech band range. This added offset must be removed by
the ADC high-pass filter. Therefore, the high-pass filter must be
inserted when you use the offset feature.
D/A Conversion
The D/A conversion circuitry of the analog interface consists of
a sigma-delta digital-to-analog converter (DAC), an analog
smoothing filter, a programmable gain amplifier (DAC PGA),
and a differential output amplifier.
Digital-to-Analog Converter
The digital-to-analog converter consists of an optional digital
high-pass filter, an anti-imaging interpolation filter, and a
sigma-delta modulator. The digital filters and the sigma-delta
modulator have the same characteristics as the filters and
modulator of the ADC. For detailed description of the DAC
components, refer to the ADSP-2100 Family User’s Manual,
Chapter 8, “Analog Interface.”
Analog Smoothing Filter and Programmable Gain Amplifier
The analog smoothing filter consists of a 3rd-order switched ca-
pacitor filter with a 3 dB point at approximately 25 kHz.
The DAC’s programmable gain amplifier (DAC PGA) can be
used to adjust the output signal level by –15 dB to +6 dB in
3 dB increments. This gain is selected by bits 2–4 (OG0, OG1,
OG2) of the analog control register.
Differential Output Amplifier
The analog output signal (VOUTP, VOUTN) is produced by a
differential amplifier. The differential amplifier meets specifica-
tions for loads greater than 2 k
Ω and has a maximum differen-
tial output swing of
±3.156 V peak-to-peak (3.17 dBm0). The
DAC will drive loads smaller than 2 k
Ω, but with degraded
performance.
The output signal is dc-biased to the on-chip voltage reference
(VREF) and can be ac-coupled directly to a load or dc-coupled to
an external amplifier.
The VOUTP, VOUTN output must be used as a differential sig-
nal otherwise performance will be severely compromised. Do
not use either pin as a single-ended output.
OPERATING THE ANALOG INTERFACE
The analog interface is operated with several memory-mapped
control and data registers. The ADC and DAC I/O data is re-
ceived and transmitted through two memory-mapped data regis-
ters. The data can also be autobuffered directly into (or from)
on-chip memory. In both cases, the I/O processing is interrupt
driven; two interrupts are dedicated to the analog interface, one
for the ADC receive data and one for the DAC transmit data.
The ADSP-21msp58/59 must have an input clock frequency of
13 MHz. At this frequency, analog-to-digital and digital-to-ana-
log converted data is transmitted at an 8 kHz rate with a single
16-bit word transmitted every 125
µs.
For detailed information about the analog interface, refer to the
ADSP-2100 Family User’s Manual, Chapter 8, “Analog Interface.”


Podobny numer części - ADSP-21MSP58BST-104

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Podobny opis - ADSP-21MSP58BST-104

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2163 AD-ADSP-2163_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-216X AD-ADSP-216X Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2166 AD-ADSP-2166_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2164 AD-ADSP-2164_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2162 AD-ADSP-2162_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2165 AD-ADSP-2165_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2161 AD-ADSP-2161_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com