Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7317 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADT7317
Szczegółowy opis  SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADT7317 Arkusz danych(HTML) 4 Page - Analog Devices

  ADT7317 Datasheet HTML 1Page - Analog Devices ADT7317 Datasheet HTML 2Page - Analog Devices ADT7317 Datasheet HTML 3Page - Analog Devices ADT7317 Datasheet HTML 4Page - Analog Devices ADT7317 Datasheet HTML 5Page - Analog Devices ADT7317 Datasheet HTML 6Page - Analog Devices ADT7317 Datasheet HTML 7Page - Analog Devices ADT7317 Datasheet HTML 8Page - Analog Devices ADT7317 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
–4–
REV. PrN
PRELIMINARY TECHNICAL DATA
ADT7316/7317/7318
DAC AC CHARACTERISTICS1
(VDD = +2.7V to +5.5 V; RL=4k7Ω to GND; CL=200pF to GND;
4K7
Ω to V
DD; All specifications TMIN to TMAX unless otherwise noted.)
Parameter2
Min
Typ @ 25°C
M a x
Units
Conditions/Comments
Output Voltage Settling Time
VREF=VDD=+5V
ADT7318
6
8
µ s
1/4 Scale to 3/4 Scale change (40 Hex to C0 Hex)
ADT7317
7
9
µ s
1/4 Scale to 3/4 Scale change (100 Hex to 300 Hex)
ADT7316
8
1 0
µ s
1/4 Scale to 3/4 Scale change (400 Hex to
C00 Hex)
Slew Rate
0.7
V/µs
Major-Code Change Glitch Energy
1 2
nV-s
1 LSB change around major carry.
Digital Feedthrough
0.5
nV-s
Digital Crosstalk
1
nV-s
Analog Crosstalk
0.5
nV-s
DAC-to-DAC Crosstalk
3
nV-s
Multiplying Bandwidth
200
k H z
VREF=2V±0.1Vpp
Total Harmonic Distortion
-70
d B
VREF=2.5V±0.1Vpp. Frequency=10kHz.
NOTES
1Guaranteed by Design and Characterization, not production tested
2See Terminology
Specifications subject to change without notice.
t1
t4
t2
t
3
t5
SC L
SD A
DA T A IN
SD A
DA T A O U T
t6
Figure 1. Diagram for I2C Bus Timing
IDD (Normal Mode)
13
0.85
1.3
m A
VIH = VDD and VIL = GND
IDD (Power Down Mode)
1
3
µ A
VDD = +4.5V to +5.5V, VIH=VDD and VIL=GND
0.5
1
µ A
VDD = +2.7V to +3.6V, VIH=VDD and VIL=GND
Power Dissipation
tbd
tbd
tbd
µ W
VDD = +2.7 V. Using Normal Mode
tbd
tbd
tbd
µ W
VDD = +2.7 V. Using Shutdown Mode
Notes:
1 Temperature ranges are as follows: A Version: -40°C to +125°C.
2 See Terminology.
3 DC specifications tested with the outputs unloaded.
4 Linearity is tested using a reduced code range:; ADT7316 (code 115 to 4095); ADT7317 (code 28 to 1023); ADT7318 (code 8 to 255)
5 See Terminology.
6 Guaranteed by Design and Characterization, not production tested
7 In order for the amplifier output to reach its minimum voltage, Offset Error must be negative. In order for the amplifier output to reach its maximum voltage, V
REF=VDD ,
"Offset plus Gain" Error must be positive.
8 The SDA & SCL timing is measured with the input filters turned on so as to meet the Fast-Mode I2C specification. Switching off the input filters improves the transfer
rate but has a negative affect on the EMC behaviour of the part.
9 Guaranteed by design. Not tested in production.
10 Guaranteed by design and characterization, not production tested.
11 All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of 1.6 V.
12 Measured with the load circuit of Figure 3.
13 I
DD spec. is valid for all DAC codes. Interface inactive. All DACs active. Load currents excluded.
Specifications subject to change without notice.


Podobny numer części - ADT7317

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7317ARQ AD-ADT7317ARQ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7317ARQ-REEL AD-ADT7317ARQ-REEL Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7317ARQ-REEL7 AD-ADT7317ARQ-REEL7 Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7317ARQZ AD-ADT7317ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7317ARQZ-REEL AD-ADT7317ARQZ-REEL Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
More results

Podobny opis - ADT7317

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
LTC2632 AD-LTC2632 Datasheet
518Kb / 24P
   Dual 12-/10-/8-Bit SPI DAC
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
logo
IC MICROSYSTEMS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Texas Instruments
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
[Old version datasheet]   DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com