Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADR290FR Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADR290FR
Szczegółowy opis  Low Noise Micropower Precision Voltage References
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADR290FR Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADR290FR Datasheet HTML 5Page - Analog Devices ADR290FR Datasheet HTML 6Page - Analog Devices ADR290FR Datasheet HTML 7Page - Analog Devices ADR290FR Datasheet HTML 8Page - Analog Devices ADR290FR Datasheet HTML 9Page - Analog Devices ADR290FR Datasheet HTML 10Page - Analog Devices ADR290FR Datasheet HTML 11Page - Analog Devices ADR290FR Datasheet HTML 12Page - Analog Devices ADR290FR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ADR290/ADR291/ADR292
REV. B
–9–
TEMPERATURE – C
200
160
0
–50
125
–25
0
255075
100
120
80
40
IOUT = 1mA
IOUT = 5mA
VS = 5V
TPC 13. ADR290 Line Regulation vs. Temperature
TEMPERATURE – C
200
160
0
–50
125
–25
0
255075
100
120
80
40
VS = 5V
IOUT = 1mA
IOUT = 5mA
TPC 14. ADR291 Load Regulation vs. Temperature
TEMPERATURE – C
200
160
0
–50
125
–25
0
255075
100
120
80
40
VS = 5V
IOUT = 1mA
IOUT = 5mA
TPC 15. ADR292 Load Regulation vs. Temperature
SOURCING LOAD CURRENT – mA
500
–250
–1000
0.1
10
1
–750
–500
0
250
TA = +25 C
TA = +125 C
TA = –40 C
TPC 16. ADR290
∆VOUT from Nominal vs. Load Current
SOURCING LOAD CURRENT – mA
0
–1250
–2000
0.1
10
1
–1750
–1500
–500
–250
TA = +25 C
TA = +125 C
TA = –40 C
–1000
–750
TPC 17. ADR291
∆VOUT from Nominal vs. Load Current
SOURCING LOAD CURRENT – mA
0
–2500
–4000
0.1
10
1
–3500
–3000
–1000
–500
TA = +25 C
TA = +125 C
TA = –40 C
–2000
–1500
TPC 18. ADR292
∆VOUT from Nominal vs. Load Current


Podobny numer części - ADR290FR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR291 AD-ADR291 Datasheet
993Kb / 32P
   Ultralow Noise, High Accuracy
REV. 0
ADR291 AD-ADR291 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291 AD-ADR291 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291 AD-ADR291 Datasheet
3Mb / 21P
   Precision, Micropower, High Current Output Voltage Reference
Rev. 0
ADR291 AD-ADR291 Datasheet
3Mb / 26P
   Precision, Micropower, High Current Output Voltage References
Rev. A
More results

Podobny opis - ADR290FR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR392ART-REEL AD-ADR392ART-REEL Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
ADR391 AD-ADR391 Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com