Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUC812BS Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADUC812BS
Szczegółowy opis  MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUC812BS Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADUC812BS Datasheet HTML 4Page - Analog Devices ADUC812BS Datasheet HTML 5Page - Analog Devices ADUC812BS Datasheet HTML 6Page - Analog Devices ADUC812BS Datasheet HTML 7Page - Analog Devices ADUC812BS Datasheet HTML 8Page - Analog Devices ADUC812BS Datasheet HTML 9Page - Analog Devices ADUC812BS Datasheet HTML 10Page - Analog Devices ADUC812BS Datasheet HTML 11Page - Analog Devices ADUC812BS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
REV. 0
ADuC812
–8–
ADuC812 ARCHITECTURE, MAIN FEATURES
The ADuC812 is a highly integrated high accuracy 12-bit data
acquisition system. At its core, the ADuC812 incorporates a high
performance 8-bit (8051-Compatible) MCU with on-chip repro-
grammable nonvolatile Flash/EE program memory controlling a
multichannel (8-input channels), 12-bit ADC.
The chip incorporates all secondary functions to fully support the
programmable data acquisition core. These secondary functions
include User Flash/EE Data Memory, Watchdog Timer (WDT),
Power Supply Monitor (PSM) and various industry-standard
parallel and serial interfaces.
ADuC812 MEMORY ORGANIZATION
As with all 8051-compatible devices, the ADuC812 has separate
address spaces for Program and Data memory as shown in Fig-
ure 1. Also as shown in Figure 1, an additional 640 Bytes of
Flash/EE Data Memory are available to the user. The Flash/EE
Data Memory area is accessed indirectly via a group of control
registers mapped in the Special Function Register (SFR) area.
EXTERNAL
PROGRAM
MEMORY
SPACE
FFFFFFH
2000H
1FFFH
0000H
EA = 0
EXTERNAL
PROGRAM
MEMORY
SPACE
EA = 1
INTERNAL
8K BYTE
FLASH/EE
PROGRAM
MEMORY
PROGRAM MEMORY SPACE
READ ONLY
ACCESSIBLE
BY
INDIRECT
ADDRESSING
ONLY
ACCESSIBLE
BY
DIRECT
AND
INDIRECT
ADDRESSING
SPECIAL
FUNCTION
REGISTERS
ACCESSIBLE
BY DIRECT
ADDRESSING
ONLY
640 BYTES
FLASH/EE DATA
MEMORY
ACCESSED
INDIRECTLY
VIA SFR
CONTROL REGISTERS
INTERNAL
DATA MEMORY
SPACE
FFH
80H
7FH
00H
UPPER
128
LOWER
128
FFH
80H
EXTERNAL
DATA
MEMORY
SPACE
(24-BIT
ADDRESS
SPACE)
FFFFFFH
000000H
DATA MEMORY SPACE
READ/WRITE
(PAGE 159)
(PAGE 0)
00H
9FH
Figure 1. ADuC812 Program and Data Memory Maps
The lower 128 bytes of internal data memory are mapped as
shown in Figure 2. The lowest 32 bytes are grouped into four
banks of eight registers addressed as R0 through R7. The next
16 bytes (128 bits) above the register banks form a block of bit
addressable memory space at bit addresses 00H through 7FH.
The SFR space is mapped in the upper 128 bytes of internal
data memory space. The SFR area is accessed by direct address-
ing only and provides an interface between the CPU and all on-
chip peripherals. A block diagram showing the programming
model of the ADuC812 via the SFR area is shown in Figure 3.
BIT-ADDRESSABLE SPACE
(BIT ADDRESSES 0–7FH)
4 BANKS OF 8 REGISTERS
R0–R7
BANKS
SELECTED
VIA
BITS IN PSW
11
10
01
00
07H
0FH
17H
1FH
2FH
7FH
00H
08H
10H
18H
20H
RESET VALUE OF
STACK POINTER
30H
Figure 2. Lower 128 Bytes of Internal RAM
128-BYTE
SPECIAL
FUNCTION
REGISTER
AREA
8K BYTE
ELECTRICALLY
REPROGRAMMABLE
NONVOLATILE
FLASH/EE PROGRAM
MEMORY
8051-
COMPATIBLE
CORE
OTHER ON-CHIP
PERIPHERALS
TEMPERATURE
SENSOR
2
12-BIT DACs
SERIAL I/O
PARALLEL I/O
WDT
PSM
SELF-CALIBRATING
8-CHANNEL
HIGH SPEED
12-BIT ADC
640-BYTE
ELECTRICALLY
REPROGRAMMABLE
NONVOLATILE
FLASH/EE DATA
MEMORY
Figure 3. ADuC812 Programming Model
ADC CIRCUIT INFORMATION
General Overview
The ADC conversion block incorporates a 5
µs, 8-channel,
12-bit, single supply A/D converter. This block provides the
user with multichannel mux, track/hold, on-chip reference,
calibration features and A/D converter. All components in this
block are easily configured via a 3-register SFR interface.
The A/D converter consists of a conventional successive-
approximation converter based around a capacitor DAC. The
converter accepts an analog input range of 0 to +VREF. A high
precision, low drift and factory calibrated 2.5 V reference is


Podobny numer części - ADUC812BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC812BS AD-ADUC812BS Datasheet
1Mb / 60P
   MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. E
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812BSZ-REEL AD-ADUC812BSZ-REEL Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
More results

Podobny opis - ADUC812BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC814 AD-ADUC814 Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814 AD-ADUC814_02 Datasheet
279Kb / 16P
   MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
   MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. E
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com