Zakładka z wyszukiwarką danych komponentów |
|
ADSP-21MSP5X Arkusz danych(PDF) 9 Page - Analog Devices |
|
ADSP-21MSP5X Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 64 page ADSP-21xx REV. B –9– Figure 4. ADSP-2105 System Figure 3. ADSP-2101/ADSP-2103/ADSP-2115 System BR BG CLKIN RESET IRQ2 BMS ADSP-2101 or ADSP-2103 or ADSP-2115 CLKOUT ADDR DATA (OPTIONAL) 1x CLOCK or CRYSTAL PMS DMS RD WR ADDR 13-0 DATA 23-0 ADDR DATA (OPTIONAL) ADDR DATA BOOT MEMORY e.g. EPROM 2764 27128 27256 27512 PROGRAM MEMORY DATA MEMORY & PERIPHERALS 14 24 D 23-22 A 13-0 D 15-8 D 23-0 D 23-8 A 13-0 A 13-0 XTAL MMAP SERIAL DEVICE (OPTIONAL) SCLK1 RFS1 or IRQ0 TFS1 or IRQ1 DT1 or FO DR1 or FI SPORT 1 SCLK0 RFS0 TFS0 DT0 DR0 SPORT 0 SERIAL DEVICE (OPTIONAL) OE WE CS OE WE CS OE CS THE TWO MSBs OF THE DATA BUS (D 23-22 ) ARE USED TO SUPPLY THE TWO MSBs OF THE BOOT MEMORY EPROM ADDRESS. THIS IS ONLY REQUIRED FOR THE 27256 AND 27512. BR BG CLKIN RESET IRQ2 BMS ADSP-2105 CLKOUT ADDR DATA (OPTIONAL) 1x CLOCK or CRYSTAL PMS DMS RD WR ADDR 13-0 DATA 23-0 ADDR DATA (OPTIONAL) ADDR DATA BOOT MEMORY e.g. EPROM 2764 27128 27256 27512 PROGRAM MEMORY DATA MEMORY & PERIPHERALS 14 24 D 23-22 A 13-0 D 15-8 D 23-0 D 23-8 A 13-0 A 13-0 XTAL MMAP SERIAL DEVICE (OPTIONAL) SCLK1 RFS1 or IRQ0 TFS1 or IRQ1 DT1 or FO DR1 or FI SPORT 1 OE WE CS OE WE CS OE CS THE TWO MSBs OF THE DATA BUS (D 23-22 ) ARE USED TO SUPPLY THE TWO MSBs OF THE BOOT MEMORY EPROM ADDRESS. THIS IS ONLY REQUIRED FOR THE 27256 AND 27512. |
Podobny numer części - ADSP-21MSP5X |
|
Podobny opis - ADSP-21MSP5X |