Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7122 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADV7122
Szczegółowy opis  CMOS 80 MHz, Triple 10-Bit Video DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7122 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADV7122 Datasheet HTML 3Page - Analog Devices ADV7122 Datasheet HTML 4Page - Analog Devices ADV7122 Datasheet HTML 5Page - Analog Devices ADV7122 Datasheet HTML 6Page - Analog Devices ADV7122 Datasheet HTML 7Page - Analog Devices ADV7122 Datasheet HTML 8Page - Analog Devices ADV7122 Datasheet HTML 9Page - Analog Devices ADV7122 Datasheet HTML 10Page - Analog Devices ADV7122 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADV7121/ADV7122
–7–
REV. B
TERMINOLOGY
Blanking Level
The level separating the SYNC portion from the video portion
of the waveform. Usually referred to as the front porch or back
porch. At 0 IRE units, it is the level which will shut off the pic-
ture tube, resulting in the blackest possible picture.
Color Video (RGB)
This usually refers to the technique of combining the three pri-
mary colors of red, green and blue to produce color pictures
within the usual spectrum. In RGB monitors, three DACs are
required, one for each color.
Sync Signal (SYNC)
The position of the composite video signal which synchronizes
the scanning process.
Gray Scale
The discrete levels of video signal between reference black and
reference white levels. A 10-bit DAC contains 1024 different
levels, while an 8-bit DAC contains 256.
Raster Scan
The most basic method of sweeping a CRT one line at a time to
generate and display images.
Reference Black Level
The maximum negative polarity amplitude of the video signal.
Reference White Level
The maximum positive polarity amplitude of the video signal.
Sync Level
The peak level of the SYNC signal.
Video Signal
That portion of the composite video signal which varies in gray
scale levels between reference white and reference black. Also
referred to as the picture signal, this is the portion which may be
visually observed.
CIRCUIT DESCRIPTION & OPERATION
The ADV7121/ADV7122 contains three 10-bit D/A converters,
with three input channels, each containing a 10-bit register.
Also integrated on board the part is a reference amplifier. CRT
control functions BLANK and SYNC are integrated on board
the ADV7122.
Digital Inputs
Thirty bits of pixel data (color information) R0–R9, G0–G9 and
B0–B9 are latched into the device on the rising edge of each
clock cycle. This data is presented to the three 10-bit DACs and
is then converted to three analog (RGB) output waveforms. See
Figure 2.
The ADV7122 has two additional control signals, which are
latched to the analog video outputs in a similar fashion. BLANK
and SYNC are each latched on the rising edge of CLOCK to
maintain synchronization with the pixel data stream.
The BLANK and SYNC functions allow for the encoding of
these video synchronization signals onto the RGB video output.
This is done by adding appropriately weighted current sources
to the analog outputs, as determined by the logic levels on the
BLANK
and SYNC digital inputs. Figure 3 shows the analog
output, RGB video waveform of the ADV7121/ADV7122. The
influence of SYNC and BLANK on the analog video waveform
is illustrated.
Table I details the resultant effect on the analog outputs of
BLANK
and SYNC.
All these digital inputs are specified to accept TTL logic levels.
Clock Input
The CLOCK input of the ADV7121/ADV7122 is typically the
pixel clock rate of the system. It is also known as the dot rate.
The dot rate, and hence the required CLOCK frequency, will be
determined by the on-screen resolution, according to the follow-
ing equation:
Dot Rate = (Horiz Res)
× (Vert Res) × (Refresh Rate)/
(Retrace Factor)
Horiz Res
= Number of Pixels/Line.
Vert Res
= Number of Lines/Frame.
Refresh Rate
= Horizontal Scan Rate. This is the rate at
which the screen must be refreshed, typ-
ically 60 Hz for a noninterlaced system or
30 Hz for an interlaced system.
Retrace Factor
= Total Blank Time Factor. This takes into
account that the display is blanked for a
certain fraction of the total duration of
each frame (e.g., 0.8).
CLOCK
DATA
DIGITAL INPUTS
(R0–R9, G0–G9, B0–B9;
SYNC, BLANK)
ANALOG OUTPUTS
(IOR, IOG, IOB)
Figure 2. Video Data Input/Output


Podobny numer części - ADV7122

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
More results

Podobny opis - ADV7122

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com