Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7122 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADV7122
Szczegółowy opis  CMOS 80 MHz, Triple 10-Bit Video DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7122 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADV7122 Datasheet HTML 4Page - Analog Devices ADV7122 Datasheet HTML 5Page - Analog Devices ADV7122 Datasheet HTML 6Page - Analog Devices ADV7122 Datasheet HTML 7Page - Analog Devices ADV7122 Datasheet HTML 8Page - Analog Devices ADV7122 Datasheet HTML 9Page - Analog Devices ADV7122 Datasheet HTML 10Page - Analog Devices ADV7122 Datasheet HTML 11Page - Analog Devices ADV7122 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADV7121/ADV7122
–8–
REV. B
If we, therefore, have a graphics system with a 1024
× 1024
resolution, a noninterlaced 60 Hz refresh rate and a retrace fac-
tor of 0.8, then:
Dot Rate =
1024
× 1024 × 60/0.8
=
78.6 MHz
The required CLOCK frequency is thus 78.6 MHz.
All video data and control inputs are latched into the ADV7121/
ADV7122 on the rising edge of CLOCK, as previously de-
scribed in the “Digital Inputs” section. It is recommended that
the CLOCK input to the ADV7121/ADV7122 be driven by a
TTL buffer (e.g., 74F244).
92.5 IRE
7.5 IRE
40 IRE
WHITE LEVEL
BLACK LEVEL
BLANK LEVEL
SYNC LEVEL
19.05
0.714
26.67 1.000
1.44
0.054
9.05
0.340
0
0
7.62
0.286
0
0
mA
V
mA
V
RED, BLUE
GREEN
NOTES
1. OUTPUTS CONNECTED TO A DOUBLY TERMINATED 75
LOAD.
2. VREF = 1.235V, RSET = 560Ω.
3. RS–343A LEVELS AND TOLERANCES ASSUMED ON ALL
LEVELS.
Figure 3. RGB Video Output Waveform
Table Ia. Video Output Truth Table for the ADV7122
IOG
IOR, IOB
DAC
Description
(mA)*
(mA)
SYNC
BLANK
Input Data
WHITE LEVEL
26.67
19.05
1
1
3FFH
VIDEO
video + 9.05
video + 1.44
1
1
data
VIDEO to BLANK
video + 1.44
video + 1.44
0
1
data
BLACK LEVEL
9.05
1.44
1
1
00H
BLACK to BLANK
1.44
1.44
0
1
00H
BLANK LEVEL
7.62
0
1
0
xxH
SYNC LEVEL
0
0
0
0
xxH
*Typical with full-scale IOG = 26.67 mA. VREF = 1.235 V, RSET = 560 Ω, ISYNC connected to IOG.
Table Ib. Video Output Truth Table for the ADV7121
IOR, IOG, IOB
DAC
Description
(mA)*
Input Data
WHITE LEVEL
17.62
3FF
VIDEO
video
data
VIDEO to BLACK
video
data
BLACK LEVEL
0
00H
*Typical with full scale = 17.62 mA. VREF = 1.235 V, RSET = 560 Ω.


Podobny numer części - ADV7122

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
More results

Podobny opis - ADV7122

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com