Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7122 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADV7122
Szczegółowy opis  CMOS 80 MHz, Triple 10-Bit Video DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7122 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADV7122 Datasheet HTML 4Page - Analog Devices ADV7122 Datasheet HTML 5Page - Analog Devices ADV7122 Datasheet HTML 6Page - Analog Devices ADV7122 Datasheet HTML 7Page - Analog Devices ADV7122 Datasheet HTML 8Page - Analog Devices ADV7122 Datasheet HTML 9Page - Analog Devices ADV7122 Datasheet HTML 10Page - Analog Devices ADV7122 Datasheet HTML 11Page - Analog Devices ADV7122 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADV7121/ADV7122
–9–
REV. B
Video Synchronization & Control
The ADV7122 has a single composite sync (SYNC) input con-
trol. Many graphics processors and CRT controllers have the
ability of generating horizontal sync (HSYNC), vertical sync
(VSYNC) and composite SYNC.
In a graphics system which does not automatically generate a
composite SYNC signal, the inclusion of some additional logic
circuitry will enable the generation of a composite SYNC signal.
The sync current is internally connected directly to the IOG
output, thus encoding video synchronization information onto
the green video channel. If it is not required to encode sync in-
formation onto the ADV7122, the SYNC input should be tied
to logic low.
Reference Input
An external 1.23 V voltage reference is required to drive the
ADV7121/ADV7122. The AD589 from Analog Devices is an
ideal choice of reference. It is a two-terminal, low cost, tempera-
ture compensated bandgap voltage reference which provides a
fixed 1.23 V output voltage for input currents between 50
µA
and 5 mA. Figure 4 shows a typical reference circuit connection
diagram. The voltage reference gets its current drive from the
ADV7121/ADV7122’s VAA through an onboard 1 kΩ resistor to
the VREF pin. A 0.1
µF ceramic capacitor is required between
the COMP pin and VAA. This is necessary so as to provide com-
pensation for the internal reference amplifier.
A resistance RSET connected between FS ADJUST and GND
determines the amplitude of the output video level according to
Equations 1 and 2 for the ADV7122 and Equation 3 for the
ADV7121:
IOG* (mA) = 12,082
× V
REF (V)/RSET (Ω)
(1)
IOR, IOB (mA) = 8,628
× V
REF (V)/RSET (Ω)
(2)
IOR, IOG, IOB (mA) = 7,969
× V
REF (V)/RSET (Ω)
(3)
*Only applies to the ADV7122 when SYNC is being used. If SYNC is not being
encoded onto the green channel, then Equation 1 will be similar to Equation 2.
TO DACs
V
AA
V
REF
GND
1k
FS ADJUST
R
SET
560
500
100
ANALOG POWER PLANE
COMP
0.01
µF
5V
+
I
REF ≈ 5mA
AD589
(1.235V
VOLTAGE
REFERENCE)
ADV7121/ADV7122*
*ADDITIONAL CIRCUITRY, INCLUDING
DECOUPLING COMPONENTS,
EXCLUDED FOR CLARIITY
Figure 4. Reference Circuit
Using a variable value of RSET, as shown in Figure 4, allows for
accurate adjustment of the analog output video levels. Use of a
fixed 560
Ω R
SET resistor yields the analog output levels as quoted
in the specification page. These values typically correspond to
the RS-343A video waveform values as shown in Figure 3.
D/A Converters
The ADV7121/ADV7122 contains three matched 10-bit D/A
converters. The DACs are designed using an advanced, high
speed, segmented architecture. The bit currents corresponding
to each digital input are routed to either the analog output (bit
= “1”) or GND (bit = “0”) by a sophisticated decoding scheme.
As all this circuitry is on one monolithic device, matching be-
tween the three DACs is optimized. As well as matching, the
use of identical current sources in a monolithic design guaran-
tees monotonicity and low glitch. The onboard operational am-
plifier stabilizes the full-scale output current against temperature
and power supply variations.
Analog Outputs
The ADV7121/ADV7122 has three analog outputs, correspond-
ing to the red, green and blue video signals.
The red, green and blue analog outputs of the ADV7121/
ADV7122 are high impedance current sources. Each one of
these three RGB current outputs is capable of directly driving a
37.5
Ω load, such as a doubly terminated 75 Ω coaxial cable.
Figure 5a shows the required configuration for each of the three
RGB outputs connected into a doubly terminated 75
Ω load.
This arrangement will develop RS-343A video output voltage
levels across a 75
Ω monitor.
A suggested method of driving RS-170 video levels into a 75
monitor is shown in Figure 5b. The output current levels of the
DACs remain unchanged, but the source termination resistance,
ZS, on each of the three DACs is increased from 75
Ω to 150 Ω.
DACs
IOR, IOG, IOB
Z
O = 75Ω
(CABLE)
Z
S = 75Ω
(SOURCE
TERMINATION)
TERMINATION REPEATED THREE TIMES
FOR RED, GREEN AND BLUE DACs
Z
L = 75Ω
(MONITOR)
Figure 5a. Analog Output Termination for RS-343A
DACs
IOR, IOG, IOB
Z
O = 75Ω
(CABLE)
Z
S = 150Ω
(SOURCE
TERMINATION)
TERMINATION REPEATED THREE TIMES
FOR RED, GREEN AND BLUE DACs
Z
L = 75Ω
(MONITOR)
Figure 5b. Analog Output Termination for RS-170


Podobny numer części - ADV7122

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
More results

Podobny opis - ADV7122

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com