Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7171KS Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADV7171KS
Szczegółowy opis  Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7171KS Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADV7171KS Datasheet HTML 6Page - Analog Devices ADV7171KS Datasheet HTML 7Page - Analog Devices ADV7171KS Datasheet HTML 8Page - Analog Devices ADV7171KS Datasheet HTML 9Page - Analog Devices ADV7171KS Datasheet HTML 10Page - Analog Devices ADV7171KS Datasheet HTML 11Page - Analog Devices ADV7171KS Datasheet HTML 12Page - Analog Devices ADV7171KS Datasheet HTML 13Page - Analog Devices ADV7171KS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
ADV7170/ADV7171
–10–
REV. 0
GENERAL DESCRIPTION
The ADV7170/ADV7171 is an integrated digital video encoder
that converts Digital CCIR-601 4:2:2 8 or 16-bit component
video data into a standard analog baseband television signal
compatible with worldwide standards.
The on-board SSAF (Super Sub-Alias Filter) with extended
luminance frequency response and sharp stopband attenuation,
enables studio quality video playback on modern TVs, giving
optimal horizontal line resolution.
An advanced power management circuit enables optimal control
of power consumption in both normal operating modes and
power-down or sleep modes.
The ADV7170/ADV7171 also supports both PAL and NTSC
square pixel operation. The parts also incorporate WSS and
CGMS-A data control generation.
The output video frames are synchronized with the incoming
data timing reference codes. Optionally, the encoder accepts
(and can generate)
HSYNC, VSYNC and FIELD timing sig-
nals. These timing signals can be adjusted to change pulsewidth
and position while the part is in the master mode. The encoder
requires a single two times pixel rate (27 MHz) clock for stan-
dard operation. Alternatively, the encoder requires a 24.54 MHz
clock for NTSC or 29.5 MHz clock for PAL square pixel mode
operation. All internal timing is generated on-chip.
A separate teletext port enables the user to directly input tele-
text data during the vertical blanking interval.
The ADV7170/ADV7171 modes are set up over a two-wire
serial bidirectional port (I
2C Compatible) with two slave addresses.
Functionally, the ADV7171 and ADV7170 are the same with
the exception that the ADV7170 can output the Macrovision
anticopy algorithm.
The ADV7170/ADV7171 is packaged in a 44-lead PQFP pack-
age and a 44-lead TQFP package.
DATA PATH DESCRIPTION
For PAL B, D, G, H, I, M, N and NTSC M, N modes, YCrCb
4:2:2 data is input via the CCIR-656 Compatible Pixel Port at a
27 MHz data rate. The pixel data is demultiplexed to form
three data paths. Y typically has a range of 16 to 235, Cr and
Cb typically have a range of 128
± 112; however, it is possible
to input data from 1 to 254 on both Y, Cb and Cr. The ADV7170/
ADV7171 supports PAL (B, D, G, H, I, M, N) and NTSC
(with and without pedestal) standards. The appropriate
SYNC,
BLANK and Burst levels are added to the YCrCb
data. Macrovision antitaping (ADV7170 only), closed-captioning
and Teletext levels are also added to Y and the resultant data is
interpolated to a rate of 27 MHz. The interpolated data is
filtered and scaled by three digital FIR filters.
The U and V signals are modulated by the appropriate sub-
carrier sine/cosine phases and added together to make up the
chrominance signal. The luma (Y) signal can be delayed 1–3
luma cycles (each cycle is 74 ns) with respect to the chroma
signal. The luma and chroma signals are then added together to
make up the composite video signal. All edges are slew rate
limited.
The YCrCb data is also used to generate RGB data with ap-
propriate SYNC and
BLANK levels. The RGB data is in
synchronization with the composite video output. Alternatively,
analog YUV data can be generated instead of RGB.
The four l0-bit DACs can be used to output:
1. Composite Video + RGB Video.
2. Composite Video + YUV Video.
3. Two Composite Video Signals + LUMA and CHROMA
(Y/C) Signals.
Alternatively, each DAC can be individually powered off if not
required.
Video output levels are illustrated in Appendix 6.
INTERNAL FILTER RESPONSE
The Y filter supports several different frequency responses,
including two low-pass responses, two notch responses, an
extended (SSAF) response, a CIF response and a QCIF re-
sponse. The UV filter supports several different frequency re-
sponses, including four low-pass responses, a CIF response and
a QCIF response, these can be seen in the following Figures 4
to 18.
FILTER TYPE
FILTER SELECTION
PASSBAND RIPPLE
(dB)
3 dB BANDWIDTH
(MHz)
STOPBAND
CUTOFF (MHz)
STOPBAND
ATTENUATION (dB)
MR04
0
0
0
0
1
1
1
MR03
0
0
1
1
0
0
1
MR02
0
1
0
1
0
1
0
LOW PASS (NTSC)
LOW PASS (PAL)
NOTCH (NTSC)
NOTCH (PAL)
EXTENDED (SSAF)
CIF
QCIF
0.091
0.15
0.015
0.095
0.051
0.018
MONOTONIC
4.157
4.74
6.54
6.24
6.217
3.0
1.5
7.37
7.96
8.3
8.0
8.0
7.06
7.15
–56
–64
–68
–66
–61
–61
–50
Figure 4. Luminance Internal Filter Specifications
FILTER TYPE
FILTER SELECTION
PASSBAND RIPPLE
(dB)
3 dB BANDWIDTH
(MHz)
STOPBAND
CUTOFF (MHz)
STOPBAND
ATTENUATION (dB)
MR07
0
0
0
0
1
1
1
MR06
0
0
1
1
0
0
1
MR05
0
1
0
1
0
1
0
1.3 MHz LOW PASS
0.65 MHz LOW PASS
1.0 MHZ LOW PASS
2.0 MHz LOW PASS
RESERVED
CIF
QCIF
0.084
MONOTONIC
MONOTONIC
0.0645
0.084
MONOTONIC
1.395
0.65
1.0
2.2
0.7
0.5
3.01
3.64
3.73
5.0
3.01
4.08
–45
–58.5
–49
–40
–45
–50
Figure 5. Chrominance Internal Filter Specifications


Podobny numer części - ADV7171KS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7171KSUZ-REEL AD-ADV7171KSUZ-REEL Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7171KSZ AD-ADV7171KSZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7171KSZ-REEL AD-ADV7171KSZ-REEL Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
More results

Podobny opis - ADV7171KS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7179 AD-ADV7179_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Rev. B
ADV7174 AD-ADV7174 Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com