Zakładka z wyszukiwarką danych komponentów |
|
ADV7173KST Arkusz danych(PDF) 9 Page - Analog Devices |
|
ADV7173KST Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 59 page ADV7172/ADV7173 –9– REV. A CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADV7172/ADV7173 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE ABSOLUTE MAXIMUM RATINGS 1 VAA to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V Voltage on Any Digital Input Pin . GND – 0.5 V to VAA + 0.5 V Storage Temperature (TS) . . . . . . . . . . . . . . –65 °C to +150°C Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . +150 °C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +260 °C Analog Outputs to GND2 . . . . . . . . . . . GND – 0.5 V to VAA NOTES 1Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2Analog output short circuit to any power supply or common can be of an indefinite duration. PACKAGE THERMAL PERFORMANCE The 48-lead LQFP package is used for this device. The junction- to-ambient ( θ JA) thermal resistance in still air on a four layer PCB is +54.6 °C/W. The junction-to-case thermal resistance ( θ JC) is +16.7 °C. To reduce power consumption when using this part the user is advised to run the part on a 3.3 V supply, turn off any unused DACs. However, if 5 V operation is required the user can enable Low Power mode by setting MR16 to a Logic 1. Another alter- native way to further reduce power is to use external buffers that dramatically reduce the DAC currents, the current can be low- ered to as low as 5 mA (see Appendix 8 for more details) from a nominal value of 36 mA. The user must at all times stay below the maximum junction temperature of +110 °C. The following equation shows how to calculate this junction temperature: Junction Temperature = [VAA (IDAC + ICCT) × θJA ] +70°C where IDAC = 10 mA + (sum of the average currents consumed by each powered-on DAC). PIN CONFIGURATION 36 35 34 33 32 31 30 29 28 27 26 25 13 14 15 16 17 18 19 20 21 22 23 24 1 2 3 4 5 6 7 8 9 10 11 12 48 47 46 45 44 39 38 37 43 42 41 40 PIN 1 IDENTIFIER TOP VIEW (Not to Scale) VAA P0 P1 P2 P3 P4 P5 P6 P7 CSO HSO VAA GND ADV7172/ADV7173 COMP1 DAC A VAA DAC B VAA GND VAA DAC C DAC D VAA GND DAC E ORDERING GUIDE Temperature Package Package Model Range Description Option ADV7172KST 0 °C to +70°C Plastic Thin ST-48 Quad Flatpack ADV7173KST 0 °C to +70°C Plastic Thin ST-48 Quad Flatpack |
Podobny numer części - ADV7173KST |
|
Podobny opis - ADV7173KST |