Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7190 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADV7190
Szczegółowy opis  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7190 Arkusz danych(HTML) 5 Page - Analog Devices

  ADV7190 Datasheet HTML 1Page - Analog Devices ADV7190 Datasheet HTML 2Page - Analog Devices ADV7190 Datasheet HTML 3Page - Analog Devices ADV7190 Datasheet HTML 4Page - Analog Devices ADV7190 Datasheet HTML 5Page - Analog Devices ADV7190 Datasheet HTML 6Page - Analog Devices ADV7190 Datasheet HTML 7Page - Analog Devices ADV7190 Datasheet HTML 8Page - Analog Devices ADV7190 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
–5–
REV. 0
ADV7190/ADV7191
5 V DYNAMIC–SPECIFICATIONS1
Parameter
Min
Typ
Max
Unit
Test Conditions
Differential Gain
3
0.1 (0.4)
0.3 (0.5)
%
Differential Phase
3
0.4 (0.15)
0.5 (0.3)
Degrees
SNR (Pedestal)3
78.5 (78)
dB rms
RMS
78 (78)
dB p-p
Peak Periodic
SNR (Ramp)
3
61.7 (61.7)
dB rms
RMS
62 (63)
dB p-p
Peak Periodic
Hue Accuracy
0.5
Degrees
Color Saturation Accuracy
0.7
%
Chroma Nonlinear Gain
0.7
0.9
±%
Referenced to 40 IRE
Chroma Nonlinear Phase
0.5
±Degrees
Chroma/Luma Intermod
0.1
±%
Chroma/Luma Gain Ineq
1.7
±%
Chroma/Luma Delay Ineq
2.2
ns
Luminance Nonlinearity
0.6
0.7
±%
Chroma AM Noise
82
dB
Chroma PM Noise
72
dB
NOTES
1All measurements are made in 4
× Oversampling Mode unless otherwise specified.
2Temperature range T
MIN to TMAX: 0
°C to 70°C.
3Values in parentheses apply to 2
× Oversampling Mode.
Specifications subject to change without notice.
3.3 V DYNAMIC–SPECIFICATIONS1
Parameter
Min
Typ
Max
Unit
Test Conditions
Differential Gain
3
0.2 (0.5)
%
Differential Phase
3
0.5 (0.2)
Degrees
SNR (Pedestal)
3
78.5 (78)
dB rms
RMS
78 (78)
dB p-p
Peak Periodic
SNR (Ramp)
3
62.3 (62)
dB rms
RMS
61 (62.5)
dB p-p
Peak Periodic
Hue Accuracy
0.5
Degrees
Color Saturation Accuracy
0.8
%
Chroma Nonlinear Gain
0.6
±%
Referenced to 40 IRE
Chroma Nonlinear Phase
0.5
±Degrees
Chroma/Luma Intermod
0.1
±%
Luminance Nonlinearity
0.6
±%
Chroma AM Noise
83
dB
Chroma PM Noise
71
dB
NOTES
1All measurements are made in 4
× Oversampling Mode unless otherwise specified.
2Temperature range T
MIN to TMAX: 0
°C to 70°C.
3Values in parentheses apply to 2
× Oversample Mode.
Specifications subject to change without notice.
(VAA = 5 V
250 mV, VREF = 1.235 V, RSET1,2 = 1200
unless otherwise noted. All
specifications TMIN to TMAX
2 unless otherwise noted.)
(VAA = 3.3 V
150 mV, VREF = 1.235 V, RSET1,2 = 1200
unless otherwise noted. All
specifications TMIN to TMAX
2 unless otherwise noted.)


Podobny numer części - ADV7190

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7190 AD-ADV7190 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7190KST AD-ADV7190KST Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
More results

Podobny opis - ADV7190

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7172 AD-ADV7172_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7173 AD-ADV7173_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7340 AD-ADV7340_15 Datasheet
1Mb / 108P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7344 AD-ADV7344_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. B
ADV7344 AD-ADV7344 Datasheet
1Mb / 88P
   Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. 0
ADV7341 AD-ADV7341_15 Datasheet
1Mb / 108P
   Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com