Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7194KST Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADV7194KST
Szczegółowy opis  Professional Extended-10??Video Encoder with 54 MHz Oversampling
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7194KST Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADV7194KST Datasheet HTML 2Page - Analog Devices ADV7194KST Datasheet HTML 3Page - Analog Devices ADV7194KST Datasheet HTML 4Page - Analog Devices ADV7194KST Datasheet HTML 5Page - Analog Devices ADV7194KST Datasheet HTML 6Page - Analog Devices ADV7194KST Datasheet HTML 7Page - Analog Devices ADV7194KST Datasheet HTML 8Page - Analog Devices ADV7194KST Datasheet HTML 9Page - Analog Devices ADV7194KST Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
ADV7194
–6–
REV. 0
5 V TIMING CHARACTERISTICS
Parameter
Min
Typ
Max
Unit
Test Conditions
MPU PORT
2
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulsewidth, t1
0.6
µs
SCLOCK Low Pulsewidth, t2
1.3
µs
Hold Time (Start Condition), t3
0.6
µs
After This Period the First Clock Is Generated
Setup Time (Start Condition), t4
0.6
µs
Relevant for Repeated Start Condition
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
µs
ANALOG OUTPUTS
2
Analog Output Delay
8
ns
DAC Analog Output Skew
0.1
ns
CLOCK CONTROL AND PIXEL
PORT
3
fCLOCK
27
MHz
Clock High Time, t9
8ns
Clock Low Time, t10
8ns
Data Setup Time, t11
6ns
Data Hold Time, t12
5ns
Control Setup Time, t11
6ns
Control Hold Time, t12
4ns
Digital Output Access Time, t13
13
24
ns
Digital Output Hold Time, t14
12
ns
Pipeline Delay, t15 (2
× Oversampling)
57
Clock Cycles
Pipeline Delay, t15 (4
× Oversampling)
67
Clock Cycles
TELETEXT PORT
4
Digital Output Access Time, t16
11
ns
Data Setup Time, t17
3ns
Data Hold Time, t18
6ns
RESET CONTROL
Reset Low Time
3
20
ns
PLL
2
PLL Output Frequency
54
MHz
NOTES
1Temperature range T
MIN to TMAX: 0
°C to 70°C.
2Guaranteed by characterization.
3Pixel Port consists of the following:
Data: P0–P9, Y0/P10–Y9/P19,
Control:
HSYNC, VSYNC, BLANK
Clock: CLKIN Input.
4Teletext Port consists of:
Digital Output: TTXRQ,
Data: TTX.
Specifications subject to change without notice.
(VAA = 5 V
250 mV, VREF = 1.235 V, RSET1,2 = 1200
unless otherwise noted. All
specifications TMIN to TMAX
1 unless otherwise noted.)


Podobny numer części - ADV7194KST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7194KSTZ AD-ADV7194KSTZ Datasheet
605Kb / 69P
   Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
More results

Podobny opis - ADV7194KST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7194KSTZ AD-ADV7194KSTZ Datasheet
605Kb / 69P
   Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
logo
Faraday Technology
FL676 FARADAY-FL676 Datasheet
61Kb / 2P
   Video Oversampling Filters
logo
Analog Devices
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180 AD-ADV7180_15 Datasheet
2Mb / 114P
   10-Bit, 4 Oversampling SDTV Video Decoder
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com