Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL05 Datasheet(Arkusz danych) 7 Page - Analog Devices

Numer części ADXL05
Szczegółowy opis  -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
Pobierz  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 7 page
background image
ADXL05
–7–
REV. B
g LEVEL APPLIED
0
–0.2
0.2
–0.1
0.1
05
12
3
4
Figure 7. % Nonlinearity vs. g Level Applied
TEMPERATURE –
°C
40
30
–20
–50
150
0
50
100
20
10
0
–10
Figure 8. % Change in Noise from +25
°C vs. Temperature
DEMODULATOR CAPACITANCE – µF
10k
1k
10
0.01
1
0.1
100
Figure 9. –3 dB Bandwidth vs. Demodulator
Capacitance
FREQUENCY – Hz
9
6
–21
1
10k
10
100
1k
3
0
–3
–6
–9
–12
–15
–18
Figure 4. Normalized Sensitivity vs. Frequency
TEMPERATURE –
°C
2
1
–4
–50
150
0
50
100
0
–1
–2
–3
Figure 5. –3 dB Bandwidth vs. Temperature
SUPPLY VOLTAGE – Volts
0.30
–0.50
0.20
–0.10
–0.20
–0.30
–0.40
0.10
0.00
4.0
7.5
4.5
5.0
5.5
6.0
6.5
7.0
Figure 6. Sensitivity Change at VPR vs. Supply Voltage
Typical Characteristics (@ +25 C, C1 = C2 = 0.022 F, V
S = +5 V unless otherwise noted)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXRS150±150°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS300±300°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS401+-75/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXL50Monolithic Accelerometer With Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AN5295NK3-ch. sound signal processing single chip IC for TV with I2C bus 1 2 3 4 5 MorePanasonic Semiconductor
TC9248BFCD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER 1 2 3 4 5 MoreToshiba Semiconductor
LC86P56328-Bit Single Chip Microcontroller with One-Time Programmable PROM 1 2 3 4 5 MoreSanyo Semicon Device
AU1564single chip voice synthesizer with 4-bit microprocessor 1 2 3 4 5 MoreAplus Intergrated Circuits
SPCA751A-P101a single chip signal processor optimized for MPEG audio decoding and voice recording 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RTL8139CREALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl