Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL05 Datasheet(Arkusz danych) 8 Page - Analog Devices

Numer części ADXL05
Szczegółowy opis  -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
Pobierz  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 8 page
background image
ADXL05
REV. B
–8–
TEMPERATURE –
°C
80
60
–60
40
–40
20
0
–20
–40
120
040
80
A
B
C
D
E
E
B
C
D
A
Figure 10. Change in 0 g Bias Level vs. Temperature
(Characteristic Curves from Five Typical Units)
FREQUENCY – Hz
40
20
–20
10
1M
100
1k
10k
100k
0
–10
30
10
NOTE: AT THIS FREQUENCY, THE SIGNAL ON THE
POWER SUPPLY IS IN SYNCHRONISM WITH THE
ACCELEROMETER'S INTERNAL CLOCK OSCILLATOR
(SEE EMI/RFI SECTION)
Figure 11. 0 g PSRR vs. Frequency
TEMPERATURE –
°C
0.05
0
–0.25
–50
150
0
50
100
–0.05
–0.1
–0.15
–0.2
Figure 12. % VREF Drift vs. Temperature
FREQUENCY – Hz
80
60
20
1
100k
10
100
1k
10k
40
TA = +25°C
VS = +5V + (0.5Vp-p)
Figure 13. +3.4 V VREF PSRR vs. Frequency
FREQUENCY – Hz
100
80
0
10
10k
100
1k
60
40
20
TA = +25°C, ACL = 2
Figure 14. Buffer Amplifier Output Impedance vs.
Frequency
FREQUENCY – Hz
30
20
–20
10
–10
25
15
5
0
–5
–15
10
1M
100
1k
10k
100k
G =10
G = 2
TA = +25°C
Figure 15. Buffer Amplifier Closed-Loop Gain vs.
Frequency
Typical Characteristics (@ +25 C, C1 = C2 = 0.022 F, V
S = +5 V unless otherwise noted)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXRS150±150°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS300±300°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS401+-75/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXL50Monolithic Accelerometer With Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AN5295NK3-ch. sound signal processing single chip IC for TV with I2C bus 1 2 3 4 5 MorePanasonic Semiconductor
TC9248BFCD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER 1 2 3 4 5 MoreToshiba Semiconductor
LC86P56328-Bit Single Chip Microcontroller with One-Time Programmable PROM 1 2 3 4 5 MoreSanyo Semicon Device
AU1564single chip voice synthesizer with 4-bit microprocessor 1 2 3 4 5 MoreAplus Intergrated Circuits
SPCA751A-P101a single chip signal processor optimized for MPEG audio decoding and voice recording 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RTL8139CREALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl