Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL05 Datasheet(Arkusz danych) 9 Page - Analog Devices

Numer części ADXL05
Szczegółowy opis  -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
Pobierz  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 9 page
background image
ADXL05
–9–
REV. B
THEORY OF OPERATION
The ADXL05 is a complete acceleration measurement system
on a single monolithic IC. It contains a polysilicon surface-
micro machined sensor and signal conditioning circuitry which
implements a force-balance control loop. The ADXL05 is ca-
pable of measuring both positive and negative acceleration to a
maximum level of
±5 g.
Figure 16 is a simplified view of the ADXL05’s acceleration
sensor at rest. The actual structure of the sensor consists of 46
unit cells and a common beam. The differential capacitor sensor
consists of independent fixed plates and central plates attached
to the main beam that moves in response to an applied accelera-
tion. The two capacitors are series connected, forming a
capacitive divider with a common movable central plate. The
sensor’s fixed capacitor plates are driven differentially by a
1 MHz square wave: the two square wave amplitudes are equal
but are 180
° out of phase from one another. When at rest, the
values of the two capacitors are the same, and therefore, the
voltage output at their electrical center (i.e., at the center plate)
is zero.
CS1
CS2
BEAM
FIXED
OUTER
PLATES
UNIT CELL
CS1 = CS2
DENOTES ANCHOR
CENTER PLATE
Figure 16. A Simplified Diagram of the ADXL05
Sensor at Rest
Figure 17 shows the sensor responding to an applied accelera-
tion. When this occurs, the common central plate or “beam”
moves closer to one of the fixed plates while moving further
from the other. This creates a mismatch in the two capacitances,
resulting in an output signal at the central plate. The output
amplitude of the signal varies directly with the amount of accel-
eration experienced by the sensor.
BEAM
FIXED
OUTER
PLATES
UNIT CELL
CS1
< CS2
TOP VIEW
APPLIED
ACCELERATION
CS1
CS2
DENOTES ANCHOR
CENTER PLATE
Figure 17. The ADXL05 Sensor Momentarily Responding
to an Externally Applied Acceleration
Figure 18 shows a block diagram of the ADXL05. The voltage
output from the central plate of the sensor is buffered and then
applied to a synchronous demodulator which is clocked, in
phase, with the same oscillator that drives the fixed plates
of the sensor. If the applied voltage is in sync and in phase
with the clock, a positive output will result. If the applied volt-
age is in sync but 180
° out of phase with the clock, then the
demodulator’s output will be negative. All other signals will be
rejected. An external capacitor, C1, sets the bandwidth of the
demodulator.
CS1
CS2
+3.4V
+1.8V +0.2V
COM
+3.4V
VREF
+5V
INTERNAL
REFERENCE
+1.8V
VIN–
BUFFER
AMPLIFIER
VOUT
1MHz
OSCILLATOR
+0.2V
0
°
180
°
+1.8V
3M
EXTERNAL
DEMODULATION
CAPACITOR
C1
C1
33k
33k
+5V
PREAMP
+1.8V
LOOP GAIN = 10
VPR
INTERNAL
FEEDBACK
LOOP
RST
SYNCHRONOUS
DEMODULATOR
+3.4V
75
+3.4V
SYNC
COMMON
+5V
+5V
EXTERNAL
OSCILLATOR
DECOUPLING
CAPACITOR
C2
DENOTES EXTERNAL
PIN CONNECTION
+3.4V
SELF–TEST
(ST)
50k
BEAM
Figure 18. Functional Block Diagram




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXRS150±150°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS300±300°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS401+-75/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXL50Monolithic Accelerometer With Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AN5295NK3-ch. sound signal processing single chip IC for TV with I2C bus 1 2 3 4 5 MorePanasonic Semiconductor
TC9248BFCD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER 1 2 3 4 5 MoreToshiba Semiconductor
LC86P56328-Bit Single Chip Microcontroller with One-Time Programmable PROM 1 2 3 4 5 MoreSanyo Semicon Device
AU1564single chip voice synthesizer with 4-bit microprocessor 1 2 3 4 5 MoreAplus Intergrated Circuits
SPCA751A-P101a single chip signal processor optimized for MPEG audio decoding and voice recording 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RTL8139CREALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl