Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL05JH Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADXL05JH
Szczegółowy opis  -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL05JH Arkusz danych(HTML) 4 Page - Analog Devices

  ADXL05JH Datasheet HTML 1Page - Analog Devices ADXL05JH Datasheet HTML 2Page - Analog Devices ADXL05JH Datasheet HTML 3Page - Analog Devices ADXL05JH Datasheet HTML 4Page - Analog Devices ADXL05JH Datasheet HTML 5Page - Analog Devices ADXL05JH Datasheet HTML 6Page - Analog Devices ADXL05JH Datasheet HTML 7Page - Analog Devices ADXL05JH Datasheet HTML 8Page - Analog Devices ADXL05JH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADXL05
REV. B
–4–
Package Characteristics
Package
JA
JC
Device Weight
10-Pin TO-100
130
°C/W
30
°C/W
5 Grams
ORDERING GUIDE
Model
Temperature Range
ADXL05JH
0
°C to +70°C
ADXL05AH
–40
°C to +85°C
ABSOLUTE MAXIMUM RATINGS*
Acceleration (Any Axis, Unpowered for 0.5 ms) . . . . . . 1000 g
Acceleration (Any Axis, Powered for 0.5 ms) . . . . . . . . . . 500 g
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7.0 V
Output Short Circuit Duration
(VPR, VOUT, VREF Terminals to Common) . . . . . . . Indefinite
Operating Temperature . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only; the functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADXL05 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
Drops onto hard surfaces can cause shocks of greater than 1000 g
and exceed the absolute maximum rating of the device. Care
should be exercised in handling to avoid damage.
PIN DESCRIPTION
+5 V
The power supply input pin.
C2
Connection for an external bypass capacitor (nominally 0.022
µF)
used to prevent oscillator switching noise from interfering with
other ADXL05 circuitry. Please see the section on component
selection.
C1
Connections for the demodulator capacitor, nominally 0.022
µF.
See the section on component selection for application information.
COM
The power supply common (or “ground”) connection.
VREF
Output of the internal 3.4 V voltage reference.
ST
The digital self-test input. It is both CMOS and TTL compatible.
VPR
The ADXL05 preamplifier output providing an output voltage of
200 mV per g of acceleration.
VOUT
Output of the buffer amplifier.
VIN–
The inverting input of the uncommitted buffer amplifier.
CONNECTION DIAGRAM
10-Header (TO-100)
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
1
2
3
4
V
IN–
V
OUT
V
PR
ST
V
REF
COM
C2
C1
C1
+5V
TOP VIEW
NOTES:
AXIS OF SENSITIVITY IS ALONG A LINE
BETWEEN PIN 5 AND THE TAB.
THE CASE OF THE METAL CAN
PACKAGE IS CONNECTED TO PIN 5
(COMMON).
ARROW INDICATES DIRECTION OF
POSITIVE ACCELERATION ALONG AXIS
OF SENSITIVITY.


Podobny numer części - ADXL05JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
More results

Podobny opis - ADXL05JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL50 AD-ADXL50 Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com