Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL05JH Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADXL05JH
Szczegółowy opis  -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL05JH Arkusz danych(HTML) 5 Page - Analog Devices

  ADXL05JH Datasheet HTML 1Page - Analog Devices ADXL05JH Datasheet HTML 2Page - Analog Devices ADXL05JH Datasheet HTML 3Page - Analog Devices ADXL05JH Datasheet HTML 4Page - Analog Devices ADXL05JH Datasheet HTML 5Page - Analog Devices ADXL05JH Datasheet HTML 6Page - Analog Devices ADXL05JH Datasheet HTML 7Page - Analog Devices ADXL05JH Datasheet HTML 8Page - Analog Devices ADXL05JH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADXL05
–5–
REV. B
Polarity of the Acceleration Output
The polarity of the ADXL05 output is shown in the Figure 1.
When oriented to the earth’s gravity (and held in place), the
ADXL05 will experience an acceleration of +1 g. This corre-
sponds to a change of approximately +200 mV at the VPR out-
put pin. Note that the polarity will be reversed to a negative
going signal at the buffer amplifier output VOUT, due to its
inverting configuration.
+1g
INDICATED POLARITY IS THAT
OCCURRING AT V
PR .
TAB
PIN 5
+
Figure 1. Output Polarity at VPR
Acceleration Vectors in Three Dimensions
The ADXL05 is a sensor designed to measure accelerations that
result from an applied force. The ADXL05 responds to the
component of acceleration on its sensitive X axis. Figures 2a
and 2b show the relationship between the sensitive “X” axis and
the transverse “Z” and “Y” axes as they relate to the TO-100
Z
Z
X
TRANSVERSE Z AXIS
SENSITIVE (X) AXIS
SIDE VIEW
X
TAB
PIN 5
Figure 2a. Sensitive X and Transverse Z Axis
TRANSVERSE Y AXIS
TOP VIEW
Y
X
Y
SENSITIVE (X) AXIS
X
TAB
PIN 5
Figure 2b. Sensitive X and Transverse Y Axis
GLOSSARY OF TERMS
Acceleration: Change in velocity per unit time.
Acceleration Vector: Vector describing the net acceleration
acting upon the ADXL05 (AXYZ).
g: A unit of acceleration equal to the average force of gravity
occurring at the earth’s surface. A g is approximately equal to
32.17 feet/s
2, or 9.807 meters/s2.
Nonlinearity: The maximum deviation of the ADXL05 output
voltage from a best fit straight line fitted to a plot of acceleration
vs. output voltage, calculated as a % of the full-scale output
voltage (@ 5 g).
Resonant Frequency: The natural frequency of vibration of
the ADXL05 sensor’s central plate (or “beam”). At its resonant
frequency of 12 kHz, the ADXL05’s moving center plate has a
peak in its frequency response with a Q of 3 or 4.
Sensitivity: The output voltage change per g unit of accelera-
tion applied, specified at the VPR pin in mV/g.
Sensitive Axis (X): The most sensitive axis of the accelerom-
eter sensor. Defined by a line drawn between the package tab
and Pin 5 in the plane of the pin circle. See Figures 2a and 2b.
Sensor Alignment Error: Misalignment between the
ADXL05’s on-chip sensor and the package axis, defined by
Pin 5 and the package tab.
Total Alignment Error: Net misalignment of the ADXL05’s
on-chip sensor and the measurement axis of the application.
This error includes errors due to sensor die alignment to the
package, and any misalignment due to installation of the sensor
package in a circuit board or module.
Transverse Acceleration: Any acceleration applied 90
° to the
axis of sensitivity.
Transverse Sensitivity Error: The percent of a transverse ac-
celeration that appears at the VPR output. For example, if the
transverse sensitivity is 1%, then a +10 g transverse acceleration
will cause a 0.1 g signal to appear at VPR (1% of 10 g). Trans-
verse sensitivity can result from a sensitivity of the sensor to
transverse forces or from misalignment of the internal sensor to
its package.
Transverse Y Axis: The axis perpendicular (90
°) to the pack-
age axis of sensitivity in the plane of the package pin circle. See
Figure 2.
Transverse Z Axis: The axis perpendicular (90
°) to both the
package axis of sensitivity and the plane of the package pin
circle. See Figure 2.


Podobny numer części - ADXL05JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
More results

Podobny opis - ADXL05JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL50 AD-ADXL50 Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com