Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL05JH Arkusz danych(PDF) 14 Page - Analog Devices

Numer części ADXL05JH
Szczegółowy opis  -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL05JH Arkusz danych(HTML) 14 Page - Analog Devices

Back Button ADXL05JH Datasheet HTML 10Page - Analog Devices ADXL05JH Datasheet HTML 11Page - Analog Devices ADXL05JH Datasheet HTML 12Page - Analog Devices ADXL05JH Datasheet HTML 13Page - Analog Devices ADXL05JH Datasheet HTML 14Page - Analog Devices ADXL05JH Datasheet HTML 15Page - Analog Devices ADXL05JH Datasheet HTML 16Page - Analog Devices ADXL05JH Datasheet HTML 17Page - Analog Devices ADXL05JH Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADXL05
REV. B
–14–
OPTIONAL CAPACITOR
FOR 3-POLE FILTERING
OUTPUT
SCALE
FACTOR
TRIM
20k
R7
71.5k
OFFSET AND
SCALING
AMPLIFIER
2-POLE FILTER
BUFFER
AMP
VOUT
VREF
1.8V
8
9
10
PRE-AMP
VPR
R4b
VIN–
ADXL05
R6
40.2k
0
g
LEVEL
TRIM
R4a
C4
2
4
7
6
AD820
R5
42.2k
R1
82.5k
R3
82.5k
C3
0.01µF
+5V
R5
3
6
+3.4V
2-POLE FILTER
COMPONENT VALUES
C4µF
0.0033
0.01
0.033
0.1
3dB
BW (Hz)
300
100
30
10
C3µF
0.027
0.082
0.27
0.82
OFFSET AND SCALING
AMPLIFIER COMPONENT VALUES
FULL
SCALE
±1g
±2g
±4g
±5g
mV
per
g
2000
1000
500
400
R4a
k
10
10
10
10
GAIN
10.00
4.98
2.50
2.00
R5
k
301
200
100
100
R4b
k
24.9
35.7
35.7
45.3
Figure 26. Two-Pole Filtering Circuit with Gain and 0 g
Offset Adjustment
Bandpass Filtering
Figure 27 shows how the combination of ac coupling and low-
pass filtering together form a bandpass filter that provides an
even greater improvement in noise reduction.
BUFFER
AMP
VOUT
1.8V
8
10
PRE-AMP
VPR
R1
R3
VIN–
ADXL05
C5
C4
VPR
R2
9
COMPONENT
VALUES ARE
APPROXIMATE.
0.002µF
0.002µF
0.0068µF
0.0068µF
0.068µF
1000
200
1000
200
200
30
30
3
1
0.1
49.9
249
49.9
249
249
0.10µF
0.022µF
1.0µF
0.68µF
6.8µF
249
249
249
249
249
640k
640k
640k
640k
640k
300
300
100
100
10
SCALE
FACTOR
IN
mV/
g
DESIRED
LOW
FREQUENCY
LIMIT, FL
R1
VALUE
IN k
CLOSEST
C4
VALUE
DESIRED
HIGH
FREQUENCY
LIMIT, FH
R3
IN
k
CLOSEST
C5
VALUE
VALUE
OF R2
FOR +2.5V
0
g LEVEL
Figure 27 AC Coupling and Low-Pass Filtering Used
Together to Provide a Bandpass Function
Low-Pass Filtering
The bandwidth of the accelerometer can easily be reduced by
using post filtering. Figure 25 shows how the buffer amplifier
can be connected to provide 1-pole post filtering, 0 g offset trim-
ming, and output scaling. The table provides practical compo-
nent values for various full-scale g levels and approximate circuit
bandwidths. For bandwidths other than those listed, use the
formula:
or simply scale the value of capacitor C4 accordingly, i.e., for an
application with a 50 Hz bandwidth, the value of C4 will need
to be twice as large as its 100 Hz value. If further noise reduc-
tion is needed while maintaining the maximum possible band-
width, then a 2- or 3-pole post filter is recommended. These
provide a much steeper roll-off of noise above the pole fre-
quency. Figure 26 shows a circuit that uses the buffer amplifier
to provide 2-pole post filtering. Component values for the 2-
pole filter were selected to operate the buffer at unity gain. Ca-
pacitors C3 and C4 were chosen to provide 3 dB bandwidths of
10 Hz, 30 Hz, 100 Hz, and 300 Hz.
In this configuration, the nominal buffer amplifier output will be
+1.8 V
± the 200 mV/g scale factor of the accelerometer. An
AD820 external op amp allows noninteractive adjustment of 0 g
offset and scale factor. The external op amp offsets and scales
the output to provide a +2.5 V
± 2 V output over a wide range
of full-scale g levels.
BUFFER
AMP
0.1µF
+5V
VOUT
0.022µF
C1
C1
+3.4V
REF
COM
1.8V
8
9
10
1
2
3
4
0.022µF
C2
PRE-AMP
VPR
R1b
R3
VIN–
5
ADXL05
6
R2
0
g
LEVEL
TRIM
50k
R1a
C4
OPTIONAL SCALE
FACTOR TRIM
*
*TO OMIT THE OPTIONAL SCALE FACTOR
TRIM, REPLACE R1a AND R1b WITH A FIXED
VALUE 1% METAL FILM RESISTOR.
SEE VALUES SPECIFIED IN TABLES BELOW.
NOTE: FOR NONINTERACTIVE TRIMS,
SET SCALE FACTOR FIRST, THEN OFFSET.
COMPONENT VALUES FOR VARIOUS
FULL-SCALE RANGES AND BANDWIDTHS
FULL
SCALE
±1g
±2g
±4g
±5g
mV
per
g
2000
1000
500
400
R1a
k
10
10
10
10
R2
k
100
100
100
100
C4
µF
0.056
0.0082
0.0082
0.0056
3dB
BW (Hz)
10
100
200
300
R3
k
301
200
100
100
R1b
k
24.9
35.7
35.7
45.3
3dB BW =
1
2
π R3 C4
Figure 25. Using the Buffer Amplifier to Provide 1-Pole
Post Filtering Plus Scale Factor and 0 g Level Trimming
C 4
=
1
(2
π R3)Desired 3dB Bandwidth in Hz


Podobny numer części - ADXL05JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
More results

Podobny opis - ADXL05JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL50 AD-ADXL50 Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com