Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL150 Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXL150
Szczegółowy opis  -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
Pobierz  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
ADXL150/ADXL250
–5–
REV. 0
4.0
4.5
5.0
5.5
6.0
POWER SUPPLY VOLTAGE
5.0
4.0
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
–4.0
–5.0
Figure 3. Typical Sensitivity Error from Ideal Ratiometric
Response for a Number of Units
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Figure 4. Offset Error of Zero g Level from Ideal
VS /2 Response as a Percent of Full-Scale for a Number
of Units
SUPPLY VOLTAGE – Volts
2.4
2.2
1.2
2
1.8
1.6
1.4
46
4.5
5
5.5
+105 C
+25 C
–40 C
Figure 5. Typical Supply Current vs. Supply Voltage
FREQUENCY – Hz
6
100
1k
10k
0
–6
–12
–18
–24
–30
–36
–42
–48
PACKAGE
RESONANCE
BEAM
RESONANCE
Figure 6. Typical Output Response vs. Frequency of
ADXL150/ADXL250 on a PC Board that Has Been
Conformally Coated
050
40
80 90 100
TEMPERATURE – C
–40 –30 –20 –10
10 20
30
60
20
10
0
–10
–20
70
30
–30
Figure 7. Typical Zero g Drift for a Number of Units
TIME – 0.2ms/Div
OUTPUT RESPONSE
500
g INPUT
600
g
500
g
400
g
300
g
200
g
100
g
0
g
60
g
50
g
40
g
30
g
20
g
10
g
0
g
Figure 8. Typical 500 g Step Recovery at the Output
Typical Characteristics (@+5 V dc, +25 C with a 38 mV/g Scale Factor unless otherwise noted)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL202Low Cost +-2 g/+-10 g Dual Axis iMEMS Accelerometers with Digital Output 1 2 3 4 5 MoreAnalog Devices
PA11521800 -2000 MHz. Ultra Low Noise Linear Power Amplifier 1 Tyco Electronics
CXG1096FNPower Amplifier/Antenna Switch + Low Noise Down Conversion Mixer for PHS 1 2 3 4 5 MoreSony Corporation
X9015Low Noise Low Power Volatile 1 2 3 4 5 MoreIntersil Corporation
PA11531800 -2000 MHz. Low Noise Linear Power Amplifier 1 Tyco Electronics
AFM04P3-213Low Noise/Medium Power GaAs MESFET Chips 1 2 3 Alpha Industries
X9315Low Noise Low Power 32 Taps 1 2 3 4 5 MoreIntersil Corporation
MXA2500ELUltra Low Noise Offset Drift 1 g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500GImproved Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl