Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL150 Datasheet(Arkusz danych) 4 Page - Analog Devices

Numer części ADXL150
Szczegółowy opis  -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
Pobierz  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 4 page
background image
–4–
ADXL150/ADXL250
REV. 0
Zero g Bias Level: The output voltage of the ADXL150/
ADXL250 when there is no acceleration (or gravity) acting
upon the axis of sensitivity. The output offset is the difference
between the actual zero g bias level and (VS/2).
Polarity of the Acceleration Output
The polarity of the ADXL150/ADXL250 output is shown in
Figure 1. When its sensitive axis is oriented to the earth’s gravity
(and held in place), it will experience an acceleration of +1 g.
This corresponds to a change of approximately +38 mV at the
output pin. Note that the polarity will be reversed if the package
is rotated 180
°. The figure shows the ADXL250 oriented so that
its “X” axis measures +1 g. If the package is rotated 90
° clock-
wise (Pin 14 up, Pin 1 down), the ADXL250’s “Y” axis will now
measure +1 g.
14
1
7
8
AX
ADXL150
14
1
7
8
AX
ADXL250
AY
Figure 2. Output Polarity
Acceleration Vectors
The ADXL150/ADXL250 is a sensor designed to measure
accelerations that result from an applied force. It responds to
the component of acceleration on its sensitive X axis (ADXL150)
or on both the “X” and “Y” axis (ADXL250).
GLOSSARY OF TERMS
Acceleration: Change in velocity per unit time.
Acceleration Vector: Vector describing the net acceleration
acting upon the ADXL150/ADXL250.
g: A unit of acceleration equal to the average force of gravity
occurring at the earth’s surface. A g is approximately equal to
32.17 feet/s
2 or 9.807 meters/s2.
Nonlinearity: The maximum deviation of the ADXL150/
ADXL250 output voltage from a best fit straight line fitted to a
plot of acceleration vs. output voltage, calculated as a % of the
full-scale output voltage (at 50 g).
Resonant Frequency: The natural frequency of vibration of
the ADXL150/ADXL250 sensor’s central plate (or “beam”). At
its resonant frequency of 24 kHz, the ADXL150/ADXL250’s
moving center plate has a slight peak in its frequency response.
Sensitivity: The output voltage change per g unit of accelera-
tion applied, specified at the VOUT pin in mV/g.
Total Alignment Error: Net misalignment of the ADXL150/
ADXL250’s on-chip sensor and the measurement axis of the
application. This error includes errors due to sensor die align-
ment to the package, and any misalignment due to installation
of the sensor package in a circuit board or module.
Transverse Acceleration: Any acceleration applied 90
° to the
axis of sensitivity.
Transverse Sensitivity Error: The percent of a transverse
acceleration that appears at VOUT.
Transverse Axis: The axis perpendicular (90
°) to the axis of
sensitivity.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL202Low Cost +-2 g/+-10 g Dual Axis iMEMS Accelerometers with Digital Output 1 2 3 4 5 MoreAnalog Devices
PA11521800 -2000 MHz. Ultra Low Noise Linear Power Amplifier 1 Tyco Electronics
CXG1096FNPower Amplifier/Antenna Switch + Low Noise Down Conversion Mixer for PHS 1 2 3 4 5 MoreSony Corporation
X9015Low Noise Low Power Volatile 1 2 3 4 5 MoreIntersil Corporation
PA11531800 -2000 MHz. Low Noise Linear Power Amplifier 1 Tyco Electronics
AFM04P3-213Low Noise/Medium Power GaAs MESFET Chips 1 2 3 Alpha Industries
X9315Low Noise Low Power 32 Taps 1 2 3 4 5 MoreIntersil Corporation
MXA2500ELUltra Low Noise Offset Drift 1 g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500GImproved Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl